Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512ASH Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48Z512ASH
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512ASH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48Z512ASH Datasheet HTML 8Page - STMicroelectronics M48Z512ASH Datasheet HTML 9Page - STMicroelectronics M48Z512ASH Datasheet HTML 10Page - STMicroelectronics M48Z512ASH Datasheet HTML 11Page - STMicroelectronics M48Z512ASH Datasheet HTML 12Page - STMicroelectronics M48Z512ASH Datasheet HTML 13Page - STMicroelectronics M48Z512ASH Datasheet HTML 14Page - STMicroelectronics M48Z512ASH Datasheet HTML 15Page - STMicroelectronics M48Z512ASH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
M48Z512A, M48Z512AY
12/17
Table 11. Ordering Information Scheme
Note: 1. The SOIC package (SOH28) requires the battery package (SNAPHAT ) which is ordered separately under the part number
”M4Zxx-BR00SH1” in plastic tube or ”M4Zxx-BR00SH1TR” in Tape & Reel form.
2. Contact Sales Offices for availability of Extended Temperature.
Caution: Do not place the SNAPHAT battery package ”M4Zxx-BR00SH1” in conductive foam since this will drain the lithium button-cell
battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M48Z512AY
-85
PM
1
Device Type
M48Z
Supp ly Voltage and Write Protect Voltage
512A = VCC = 4.75V to 5.5V; VPFD = 4.5V to 4.75V
512AY = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V
Speed
-70 = 70ns
-85 = 85ns
Package
PM = PMDIP32
CS (1) = Surface Mount Chip Set solution M40Z300 (SOH28) + M68Z512 (TSOP II 32)
Temperature Range
1= 0to 70
°C
9 (2) = Extended Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com