Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z512ASH Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48Z512ASH
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512ASH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48Z512ASH Datasheet HTML 2Page - STMicroelectronics M48Z512ASH Datasheet HTML 3Page - STMicroelectronics M48Z512ASH Datasheet HTML 4Page - STMicroelectronics M48Z512ASH Datasheet HTML 5Page - STMicroelectronics M48Z512ASH Datasheet HTML 6Page - STMicroelectronics M48Z512ASH Datasheet HTML 7Page - STMicroelectronics M48Z512ASH Datasheet HTML 8Page - STMicroelectronics M48Z512ASH Datasheet HTML 9Page - STMicroelectronics M48Z512ASH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
M48Z512A, M48Z512AY
6/17
Table 8. Power Down/Up AC Characteristics
(TA = 0 to 70 °C)
Note: 1. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
2. VPFD (min) to VSO fall time of less than tFB may cause corruption of RAM data.
Symbol
Parameter
Min
Max
Unit
tF
(1)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(2)
VPFD (min) to VSO VCC Fall Time
10
µs
tWP
Write Protect Time from VCC =VPFD
40
150
µs
tR
VSO to VPFD (max) VCC Rise Time
0
µs
tER
E Recovery Time
40
120
ms
Figure 6. Power Down/Up Mode AC Waveforms
AI01031
VCC
E
(PER CONTROL INPUT)
OUTPUTS
DON’T CARE
HIGH-Z
tF
tFB
tR
tWP
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com