Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FW016 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50FW016
Description  16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW016 Datasheet(HTML) 1 Page - STMicroelectronics

  M50FW016 Datasheet HTML 1Page - STMicroelectronics M50FW016 Datasheet HTML 2Page - STMicroelectronics M50FW016 Datasheet HTML 3Page - STMicroelectronics M50FW016 Datasheet HTML 4Page - STMicroelectronics M50FW016 Datasheet HTML 5Page - STMicroelectronics M50FW016 Datasheet HTML 6Page - STMicroelectronics M50FW016 Datasheet HTML 7Page - STMicroelectronics M50FW016 Datasheet HTML 8Page - STMicroelectronics M50FW016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1/45
PRELIMINARY DATA
July 2004
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M50FW016
16 Mbit (2Mb x8, Uniform Block)
3V Supply Firmware Hub Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VCC = 3 V to 3.6 V for Program, Erase and
Read Operations
–VPP = 12 V for Fast Program and Fast
Erase
■
TWO INTERFACES
–
Firmware Hub (FWH) Interface for
embedded operation with PC Chipsets
–
Address/Address Multiplexed (A/A Mux)
Interface for programming equipment
compatibility
■
FIRMWARE HUB (FWH) HARDWARE
INTERFACE MODE
–
5 Signal Communication Interface
supporting Read and Write Operations
–
Hardware Write Protect Pins for Block
Protection
–
Register Based Read and Write
Protection
–
5 Additional General Purpose Inputs for
platform design flexibility
–
Multi-byte Read Operation (4/16/128-
byte)
–
Synchronized with 33 MHz PCI clock
■
BYTE PROGRAMMING TIME
–
Single Byte Mode: 10µs (typical)
–
Quadruple Byte Mode: 2.5µs (typical)
■
32 UNIFORM 64 Kbyte MEMORY BLOCKS
■
PROGRAM and ERASE SUSPEND
–
Read other Blocks during Program/Erase
Suspend
–
Program other Blocks during Erase
Suspend
■
FOR USE in PC BIOS APPLICATIONS
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Code: 2Eh
Figure 1. Package
TSOP40 (N)
10 x 20mm


Similar Part No. - M50FW016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K STMICROELECTRONICS-M50FW002K Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1 STMICROELECTRONICS-M50FW002K1 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1T STMICROELECTRONICS-M50FW002K1T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K5T STMICROELECTRONICS-M50FW002K5T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
More results

Similar Description - M50FW016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com