Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FW016 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M50FW016
Description  16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW016 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M50FW016 Datasheet HTML 2Page - STMicroelectronics M50FW016 Datasheet HTML 3Page - STMicroelectronics M50FW016 Datasheet HTML 4Page - STMicroelectronics M50FW016 Datasheet HTML 5Page - STMicroelectronics M50FW016 Datasheet HTML 6Page - STMicroelectronics M50FW016 Datasheet HTML 7Page - STMicroelectronics M50FW016 Datasheet HTML 8Page - STMicroelectronics M50FW016 Datasheet HTML 9Page - STMicroelectronics M50FW016 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
M50FW016
6/45
SUMMARY DESCRIPTION
The M50FW016 is a 16 Mbit (2Mb x8) non-volatile
memory
that
can
be
read,
erased
and
reprogrammed.
These
operations
can
be
performed using a single low voltage (3.0 to 3.6V)
supply. For fast programming and fast erasing, an
optional 12V power supply can be used to reduce
the programming and the erasing times.
The memory is divided into blocks that can be
erased independently so it is possible to preserve
valid data while old data is erased. Blocks can be
protected
individually
to
prevent
accidental
Program or Erase commands from modifying the
memory. Program and Erase commands are
written to the Command Interface of the memory.
An on-chip Program/Erase Controller simplifies
the process of programming or erasing the
memory by taking care of all of the special
operations that are required to update the memory
contents. The end of a program or erase operation
can
be
detected
and
any
error conditions
identified. The command set required to control
the memory is consistent with JEDEC standards.
Two different bus interfaces are supported by the
memory. The primary interface, the Firmware Hub
(or FWH) Interface, uses Intel’s proprietary FWH
protocol. This has been designed to remove the
need for the ISA bus in current PC Chipsets; the
M50FW016 acts as the PC BIOS on the Low Pin
Count bus for these PC Chipsets.
The secondary interface, the Address/Address
Multiplexed (or A/A Mux) Interface, is designed to
be compatible with current Flash Programmers for
production line programming prior to fitting to a PC
Motherboard.
The memory is offered in TSOP40 (10 x 20mm)
package and it is supplied with all the bits erased
(set to ’1’).
Figure 2. Logic Diagram (FWH Interface)
Table 1. Signal Names (FWH Interface)
AI04462
4
FWH4
FWH0-
FWH3
VCC
M50FW016
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
FGPI0-
FGPI4
VPP
FWH0-FWH3
Input/Output Communications
FWH4
Input Communication Frame
ID0-ID3
Identification Inputs
FGPI0-FGPI4
General Purpose Inputs
IC
Interface Configuration
RP
Interface Reset
INIT
CPU Reset
CLK
Clock
TBL
Top Block Lock
WP
Write Protect
RFU
Reserved for Future Use. Leave
disconnected.
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast
Program and Fast Erase Operations
VSS
Ground
NC
Not Connected Internally
RFU
Reserved for Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com