Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361 Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 216Page - STMicroelectronics ST72361_07 Datasheet HTML 217Page - STMicroelectronics ST72361_07 Datasheet HTML 218Page - STMicroelectronics ST72361_07 Datasheet HTML 219Page - STMicroelectronics ST72361_07 Datasheet HTML 220Page - STMicroelectronics ST72361_07 Datasheet HTML 221Page - STMicroelectronics ST72361_07 Datasheet HTML 222Page - STMicroelectronics ST72361_07 Datasheet HTML 223Page - STMicroelectronics ST72361_07 Datasheet HTML 224Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 222 / 224 page
background image
ST72361
222/224
IMPORTANT NOTES (Cont’d)
Occurrence
The occurrence of the problem is random and pro-
portional to the baud rate. With a transmit frequen-
cy
of
19200
baud
(fCPU = 8
MHz
and
SCIBRR = 0xC9), the wrong break duration occur-
rence is around 1%.
Analysis
The LIN protocol specifies a minimum of 13 bits for
the break duration, but there is no maximum value.
Nevertheless, the maximum length of the header
is specified as (14+10+10+1) x 1.4 = 49 bits. This
is composed of:
- the synch break field (14 bits)
- the synch field (10 bits)
- the identifier field (10 bits)
Every LIN frame starts with a break character.
Adding an idle character increases the length of
each header by 10 bits. When the problem occurs,
the header length is increased by 11 bits and be-
comes ((14+11)+10+10+1) = 45 bits.
To conclude, the problem is not always critical for
LIN communication if the software keeps the time
between the sync field and the ID smaller than 4
bits, that is, 208µs at 19200 baud.
The workaround is the same as for SCI mode but
considering the low probability of occurrence (1%),
it may be better to keep the break generation se-
quence as it is.
16.2.2 16-bit and 8-bit Timer PWM Mode
In PWM mode, the first PWM pulse is missed after
writing the value FFFCh in the OC1R or OC2R
register.
16.3 ROM DEVICES ONLY
16.3.1 16-bit Timer PWM Mode Buffering
Feature Change
In all devices, the frequency and period of the
PWM signal are controlled by comparing the coun-
ter with a 16-bit buffer updated by the OCiHR and
OCiLR registers. In ROM devices, contrary to the
description in Section 10.5.3.5 on page 101, the
output compare function is not inhibited after a
write instruction to the OCiHR register. Instead the
buffer update at the end of the PWM period is in-
hibited until OCiLR is written. This improved buffer
handling is fully compatible with applications writ-
ten for Flash devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com