Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361 Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 216Page - STMicroelectronics ST72361_07 Datasheet HTML 217Page - STMicroelectronics ST72361_07 Datasheet HTML 218Page - STMicroelectronics ST72361_07 Datasheet HTML 219Page - STMicroelectronics ST72361_07 Datasheet HTML 220Page - STMicroelectronics ST72361_07 Datasheet HTML 221Page - STMicroelectronics ST72361_07 Datasheet HTML 222Page - STMicroelectronics ST72361_07 Datasheet HTML 223Page - STMicroelectronics ST72361_07 Datasheet HTML 224Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 223 / 224 page
background image
ST72361
223/224
17 REVISION HISTORY
Date
Revision
Main changes
04-Oct-2005
1
Initial revision
26-Sep-2006
2
Changed note in “Device Summary” on page 1
Changed Section 10.6.3.3 on page 112
Changed “FASTROM Factory Coded Device Types” on page 215
Deleted Section 15.1.5 “Clearing active interrupts outside interrupt routine” (text already ex-
ists in Section 16.1.2 on page 218)
Added Section 16.1.5 on page 220
Replaced TQFP with LQFP packages throughout document
Changed Section 12.12.1 on page 202
Changed Section 9.2.1 on page 45
Changed title of Section 9.6 on page 49 from “I/O Port Implementation” to “I/O Port Register
Configurations”
Corrected name of bit 5 in SPICSR register in Table 22 on page 119
Changed Section 12.5.4 on page 187
Added links to Table 33 and Table 34 in Section 12.8.3 on page 192
Removed EMC protection circuitry in Figure 113 on page 199 (device works correctly with-
out these components)
Changed Section 12.12.1 on page 202
Changed notes in Section 13.2 on page 209
Changed AFI mapping for “OPTION BYTE 1” on page 211
Changed title of Figure 124 on page 208
Changed title of Figure 125 on page 208
Changed Figure 127 on page 213
Added Figure 36 on page 213
Replaced “Flash Memory” with “Memory” as column heading in Figure 35 on page 212 and
Figure 129 on page 215
Changed Section 15 on page 217
Added Table 37 on page 217
Removed automotive part numbers, see separate ST72361-auto datasheet
19-Jun-2007
3
Added EMI characteristics for LQFP44 in Section 12.8
Updated ADC accuracy characteristics in Section 12.13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com