Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6711 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 28Page - STMicroelectronics L6711_06 Datasheet HTML 29Page - STMicroelectronics L6711_06 Datasheet HTML 30Page - STMicroelectronics L6711_06 Datasheet HTML 31Page - STMicroelectronics L6711_06 Datasheet HTML 32Page - STMicroelectronics L6711_06 Datasheet HTML 33Page - STMicroelectronics L6711_06 Datasheet HTML 34Page - STMicroelectronics L6711_06 Datasheet HTML 35Page - STMicroelectronics L6711_06 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Soft start
L6711
32/50
13
Soft start
During soft start, a ramp is generated increasing the loop reference from 0V to the final
value programmed by VID in 2048 clock periods as shown in
Figure 15. Once the soft start begins, the reference is increased: upper and lower MOS
begin to switch and the output voltage starts to increase with closed loop regulation. At the
end of the digital soft start, the SS_END signal is then driven high.
The Under Voltage comparator is enabled when the reference voltage reaches 0.6V while
Over Voltage Comparator is always enabled during soft start with a threshold equal to the
115% of the programmed reference or the threshold programmed by ROVP (see relevant
section).
Figure 15.
Soft start
VCC=VCCDR
VLGATEx
SS_END
VOUT
t
t
t
t
Turn ON threshold
2048 Clock Cycles
(CH1=VOUT; CH2=LGATEx; CH3=SS_END)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com