Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6711 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 42Page - STMicroelectronics L6711_06 Datasheet HTML 43Page - STMicroelectronics L6711_06 Datasheet HTML 44Page - STMicroelectronics L6711_06 Datasheet HTML 45Page - STMicroelectronics L6711_06 Datasheet HTML 46Page - STMicroelectronics L6711_06 Datasheet HTML 47Page - STMicroelectronics L6711_06 Datasheet HTML 48Page - STMicroelectronics L6711_06 Datasheet HTML 49Page - STMicroelectronics L6711_06 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Layout guidelines
L6711
46/50
18.3
Current sense connections.
Remote Buffer: The input connections for this component must be routed as parallel nets
from the FBG/FBR pins to the load in order to compensate losses along the output power
traces and also to avoid the pick-up of any common mode noise. Connecting these pins in
points far from the load will cause a non-optimum load regulation, increasing output
tolerance.
Current Reading: The Rg resistors have to be placed as close as possible to the CSx- and
CSx+ pins in order to limit the noise injection into the device; this is still valid also for the
Rg(RC)-Cg network used when sensing current across the inductor. The PCB traces
connecting these resistors to the reading point must use dedicated nets, routed as parallel
traces in order to avoid the pick-up of any common mode noise.
Figure 24.
Device orientation (left) and sense nets routing (right: red for Lsense,
black for LSsense)
It's also important to avoid any offset in the measurement and, to get a better precision, to
connect the traces as close as possible to the sensing elements. Symmetrical layout is also
suggested.
Small filtering capacitor can be needed between VOUT and SGND on the CSx- line, placed
near the controller, allowing higher layout flexibility in the current sense connection.
VCCDR
C
R
R
R
R
R
R
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com