Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA328 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 11Page - STMicroelectronics STA328_08 Datasheet HTML 12Page - STMicroelectronics STA328_08 Datasheet HTML 13Page - STMicroelectronics STA328_08 Datasheet HTML 14Page - STMicroelectronics STA328_08 Datasheet HTML 15Page - STMicroelectronics STA328_08 Datasheet HTML 16Page - STMicroelectronics STA328_08 Datasheet HTML 17Page - STMicroelectronics STA328_08 Datasheet HTML 18Page - STMicroelectronics STA328_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
STA328
Electrical characteristics curves
15/57
Figure 11.
THD vs output power - BTL
Figure 12.
THD vs frequency - BTL
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
100
200m
500m
1
2
5
10
20
50
THD (%)
Po (W)
Vcc = 36 V
Rl = 8
Ω
f= 1 kHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
100
200m
500m
1
2
5
10
20
50
THD (%)
Po (W)
Vcc = 36 V
Rl = 8
Ω
f= 1 kHz
0.01
1
0.02
0.05
0.1
0.2
0.5
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
THD (%)
Vcc = 36 V
RL = 8
Ω
f= 1 kHz
0.01
1
0.02
0.05
0.1
0.2
0.5
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
THD (%)
Vcc = 36 V
RL = 8
Ω
f= 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com