Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA328 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 43Page - STMicroelectronics STA328_08 Datasheet HTML 44Page - STMicroelectronics STA328_08 Datasheet HTML 45Page - STMicroelectronics STA328_08 Datasheet HTML 46Page - STMicroelectronics STA328_08 Datasheet HTML 47Page - STMicroelectronics STA328_08 Datasheet HTML 48Page - STMicroelectronics STA328_08 Datasheet HTML 49Page - STMicroelectronics STA328_08 Datasheet HTML 50Page - STMicroelectronics STA328_08 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
STA328
User programmable processing
47/57
7.5
Calculating 24-bit signed fractional numbers from a dB value
The pre-scale, mixing, and post-scale functions of the STA328 use 24-bit signed fractional
multipliers to attenuate signals. These attenuations can also invert the phase and therefore
range in value from -1 to +1. It is possible to calculate the coefficient to utilize for a given
negative dB value (attenuation) via the equations below.
"
Non-inverting phase numbers 0 to +1:
"
Coefficient = round(8388607 * 10(dB / 20))
"
Inverting phase numbers 0 to -1:
"
Coefficient = 16777216 - round(8388607 * 10(dB / 20))
As can be seen by the preceding equations, the value for positive phase 0 dB is 0x7FFFFF
and the value for negative phase 0 dB is 0x800000.
7.6
User defined coefficient RAM
7.6.1
Coefficient address register 1 (addr 0x16)
7.6.2
Coefficient b1data register bits 23:16 (addr 0x17)
7.6.3
Coefficient b1data register bits 15:8 (addr 0x18)
7.6.4
Coefficient b1data register bits 7:0 (addr 0x19)
7.6.5
Coefficient b2 data register bits 23:16 (addr 0x1A)
D7
D6
D5
D4
D3
D2
D1
D0
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
0
0
00
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
00
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00000
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
0
0
00
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C2B23
C2B22
C2B21
C2B20
C2B19
C2B18
C2B17
C2B16
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com