Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YWMCS7022PZ Datasheet(PDF) 5 Page - Whirlpool.

Part # YWMCS7022PZ
Description  MICROWAVE OVEN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

YWMCS7022PZ Datasheet(HTML) 5 Page - Whirlpool.

  YWMCS7022PZ Datasheet HTML 1Page - Whirlpool. YWMCS7022PZ Datasheet HTML 2Page - Whirlpool. YWMCS7022PZ Datasheet HTML 3Page - Whirlpool. YWMCS7022PZ Datasheet HTML 4Page - Whirlpool. YWMCS7022PZ Datasheet HTML 5Page - Whirlpool. YWMCS7022PZ Datasheet HTML 6Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GUÍA DE DIMENSIONES
HORNO DE MICROONDAS
NOTA: Las especificaciones están sujetas a cambios sin previo aviso.
5 de 6
DIMENSIONES DEL PRODUCTO
N.º DE MODELO
WMCS7022PB/WMCS7022PW
WMCS7022PZ/YWMCS7022PZ
Unidad de medida
pul
cm
Ancho total (A)
213⁄4
55,3
Altura total (B)
121⁄4
31,2
Altura de la puerta (C)
117⁄16
29,1
Profundidad sin puerta (D)
17
43,2
Profundidad con puerta (E)
185⁄16
46,5
Profundidad con puerta abierta a 90° (F)
351⁄4
89,6
A
B
C
FRONTAL
D E
F
FRONTAL
E
D
VISTA FRONTAL
VISTA SUPERIOR
VISTA LATERAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com