Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M87X Datasheet(PDF) 93 Page - ALSTOM

Part # M87X
Description  Bitronics Modular IED
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSTOM [ALSTOM]
Direct Link  https://www.alstom.com/
Logo ALSTOM - ALSTOM

M87X Datasheet(HTML) 93 Page - ALSTOM

Back Button M87X Datasheet HTML 89Page - ALSTOM M87X Datasheet HTML 90Page - ALSTOM M87X Datasheet HTML 91Page - ALSTOM M87X Datasheet HTML 92Page - ALSTOM M87X Datasheet HTML 93Page - ALSTOM M87X Datasheet HTML 94Page - ALSTOM M87X Datasheet HTML 95Page - ALSTOM M87X Datasheet HTML 96Page - ALSTOM M87X Datasheet HTML 97Page - ALSTOM Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
User Manual
M87x/EN M/K
M87x
Page 91
Accuracy
Accuracies are specified at nominal Frequency and 25C, unless otherwise specified. Temperature Coefficient <25ppm. All values are true RMS and include
Harmonics to the 63rd (minimum)
Voltage
AC: Better than 0.1% of reading (20 to 425V rms, input-to-case). DC (AUX Inputs): +/- 0.2V (24 to 250Vdc, input-to-case)
Better than 0.1% of reading +/- 500μA (0.5A to 100.0A),
Current (S10,
S13, S16 bus 2)
Better than 0.1% of reading +/- 1mA (0.05A to 0.5A).
Better than 0.1% of reading +/- 100μA (0.5A to 20.0A),
Current (S11,
S14, S16 bus 1,
S17 bus 2)
Better than 0.1% of reading +/- 250μA (0.05A to 0.5A).
Better than 0.1% of reading +/- 20μA (0.1A to 4.0A),
Current (S12,
S15, S17 bus 1)
Better than 0.1% of reading +/- 50μA (0.01A to 0.1A).
Frequency
+/- 0.001 Hertz (accuracy is specified at nominal Frequencies and over operating temperature range)
Phase Angle
+/- 0.2 Deg
Power
Better than 0.2% of reading (>20% of nominal inputs, 1PF to 0.7PF)
Environmental
Operating Temperature
-40C to 70C
Relative Humidity
0-95% non-condensing
Installation Category
IC III (Distribution Level) Refer to definitions in section 1.3.1.
Pollution Degree
Pollution Degree 2 Refer to definitions in section 1.3.1.
Enclosure Protection
IP20 to IEC60529:1989
Altitude
Up to and including 2000m above sea level
Intended Use
Indoor use; Indoor/Outdoor use when mounted in an appropriately rated protective enclosure to NEMA or IP protection classifications,
as required for the installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com