Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M87X Datasheet(PDF) 21 Page - ALSTOM

Part # M87X
Description  Bitronics Modular IED
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSTOM [ALSTOM]
Direct Link  https://www.alstom.com/
Logo ALSTOM - ALSTOM

M87X Datasheet(HTML) 21 Page - ALSTOM

Back Button M87X Datasheet HTML 17Page - ALSTOM M87X Datasheet HTML 18Page - ALSTOM M87X Datasheet HTML 19Page - ALSTOM M87X Datasheet HTML 20Page - ALSTOM M87X Datasheet HTML 21Page - ALSTOM M87X Datasheet HTML 22Page - ALSTOM M87X Datasheet HTML 23Page - ALSTOM M87X Datasheet HTML 24Page - ALSTOM M87X Datasheet HTML 25Page - ALSTOM Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
User Manual
M87x/EN M/K
M87x
Page 19
Input Signals (S13, S14, S15 S16, S17)
Peak Current
Linear to 20A symmetrical (28A peak)/linear to 100A symmetrical (141A peak) at all rated temperatures.
Overload
30Aac continuous. Withstands 400Aac for 2 seconds.
Isolation
2500Vac, minimum.
Burden
0.04VA @ 5A rms, 60Hz (0.0016ohms @ 60Hz).
(continued)
Frequency
15-70Hz
Configuration
6 Inputs. 3 Phase Currents from 2 Lines with different peak current ranges.
Nominal
1Aac
Peak Current
Linear to 4A symmetrical (5.7A peak)/linear to 20A symmetrical (28A peak at all rated temperatures.
Overload
30Aac continuous. Withstands 400Aac for 2 seconds.
Isolation
2500Vac, minimum.
Burden
0.0016VA @ 1A rms, 60Hz (0.0016ohms @ 60Hz).
CT Current Inputs (S17)
M872 with dual peak
ranges 4A/20A
Frequency
15-70Hz
Configuration
8 Inputs, Measures 2 Buses, 3 or 4 Wire
Nominal
120Vac
System Voltage
Intended for use on nominal system voltages up to 480V rms phase-to-phase (277V rms phase-to-neutral)
Peak Voltage
Reads to 600V peak (425V rms), input-to-case (ground)
Impedance
>7.5MΩ, input-to-case (ground)
Voltage Withstand
2.5kV rms 1min, input-to-case (ground)
2kV rms 1min, input-to-input
VT (PT) AC Voltage
Inputs (S13, S14, S15,
S16, S17) Terminals 9
to 16
Frequency
15-70Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com