Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM32F103C8T6 Datasheet(PDF) 66 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 66 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 62Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 63Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 64Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 65Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 66Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 67Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 68Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 69Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 70Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
w w w. g e e h y. c o m
P a g e 65
Table 49 QFN36 Package Data
SYMBOL
MIN
NOD
MAX
TOTAL THCKNESS
A
0.8
0.85
0.9
STANO OFF
A1
0
0.02
0.05
MOLO THCKNESS
A2
---
0.65
---
L/F THCKNESS
A3
0.203REF
LEAD WIDTH
b
0.2
0.25
0.3
BOOY SIZE
X
D
6 BSC
Y
E
6 BSC
LEAD PITCH
e
0.5 BSC
EP SIZE
X
D2
4.05
4.15
4.25
Y
E2
4.05
4.15
4.25
LEAD LENGTH
L
0.45
0.55
0.65
LEAD TIP TO EXPOSE PAD EDGE
k
0.375 REF
PACKAGE EOGE TOLERANCE
aaa
0.1
MOLD FLATNESS
ccc
0.1
COPLANARITY
eee
0.08
LEAD OFFSET
bbb
0.1
EXPOSED PAD OFFSET
fff
0.1
1.
Dimensions are expressed in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com