Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM32F103C8T6 Datasheet(PDF) 50 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 50 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
w w w. g e e h y. c o m
P a g e 49
Figure 17 SPI Timing Diagram - Master Mode
High
NSS input
MOSI
output
MISO input
MSB IN
MSB OUT
BIT 6~1 IN
LSB IN
LSB OUT
BIT 6~1 OUT
CPHA=0
CPOL=0
CPHA=0
CPOL=1
CPHA=1
CPOL=0
CPHA=1
CPOL=1
tc(SCK)
th(MI)
tv(MO)
th(MO)
SCK input
SCK input
tW(SCKH)
tW(SCKL)
tSU(MI)
tr(SCK)
tf(SCK)
Note: The measuring points are set at CMOS levels: 0.3VDD and 0.7VDD.
5.11.3 USBD peripheral characteristics
Table39 USBD DC Characteristics
Symbol
Parameter
Condition
Minimum
value (1)
Maximum
value (1)
Unit
Input level
VDD
USBD operating
voltage (2)
-
3.0
(3)
3.6
V
VDI
(4)
Differential input
sensitivity
I (USBDP, USBDM)
0.2
-
V
VCM
(4)
Differential common
mode range
Including VDI range
0.8
2.5
VSE
(4)
Single-ended receiver
threshold
-
1.3
2.0
Output level
VOL
Static output low level
1.5kΩ RL connected to 3.6V
(5)
-
0.3
V
VOH
Static output high
level
5kΩ RL connected to VSS (5)
2.8
3.6
1.
All voltage measurement is subject to device-end ground wire.
2.
In order to be compatible with the USB2.0 full-speed electrical specification, the USBDP (D+) pin must
be connected to a voltage of 3.0~3.6V through a 1.5kΩ resistor.
3.
The correct USBD function of APM32F103xx can be guaranteed at 2.7V, rather than the electrical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com