Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 62 Page - Texas Instruments

Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 62 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 58Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 59Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 60Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 61Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 62Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 63Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 64Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 65Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 282 page
background image
5.3.4 CPTS
MAIN Domain Instances
Table 5-11. CP GEMAC CPTS0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
CP_GEMAC_CPTS0_RFT_CLK (1)
I
CPTS Reference Clock Input to CPSW3G0 CPTS
D18
CP_GEMAC_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output from CPSW3G0
CPTS
E15, K18, W1
B12, G2, K18
CP_GEMAC_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output from CPSW3G0 CPTS
B16, D16, K19, U1
B9, C11, E1, K20
CP_GEMAC_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to CPSW3G0 CPTS
E14, L21, V1
A12, J19, K4
CP_GEMAC_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to CPSW3G0 CPTS
E16, K21, T1
A11, E2, J18
(1)
The CP_GEMAC_CPTS0_RFT_CLK signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
Table 5-12. CPTS0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
CPTS0_RFT_CLK (2)
I
CPTS Reference Clock Input
D18
CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output
C13, W1, W7
B7, G2, U3
CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output
D14, U1, U7
E1, T2
CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to Time Sync Router
C18, V1, V7
A17, K4, Y4
CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to Time Sync Router
B19, T1, U13
B18, E2, V13
SYNC0_OUT (1)
O
CPTS Time Stamp Generator Bit 0 Output from Time Sync
Router
D18
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from Time Sync
Router
A19
A18
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from Time Sync
Router
A17
B13
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from Time Sync
Router
B17
A14
(1)
The SYNC0_OUT signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
(2)
The CPTS0_RFT_CLK signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
5.3.5 DDRSS
MAIN Domain Instances
Table 5-13. DDRSS0 Signal Descriptions
SIGNAL NAME [1] ((2))
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
DDR0_ACT_n
O
DDRSS Activation Command
H2
DDR0_ALERT_n
IO
DDRSS Alert
H1
DDR0_CAS_n
O
DDRSS Column Address Strobe
J5
DDR0_PAR
O
DDRSS Command and Address Parity
K5
DDR0_RAS_n
O
DDRSS Row Address Strobe
F6
DDR0_WE_n
O
DDRSS Write Enable
H4
DDR0_A0
O
DDRSS Address Bus
D2
DDR0_A1
O
DDRSS Address Bus
C5
DDR0_A2
O
DDRSS Address Bus
E2
DDR0_A3
O
DDRSS Address Bus
D4
DDR0_A4
O
DDRSS Address Bus
D3
DDR0_A5
O
DDRSS Address Bus
F2
DDR0_A6
O
DDRSS Address Bus
J2
DDR0_A7
O
DDRSS Address Bus
L5
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
62
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com