Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2434BSDFHIALVR Datasheet(PDF) 83 Page - Texas Instruments

Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 79Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 80Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 81Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 82Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 83Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 84Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 85Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 86Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 282 page
background image
The pin can be connected to the same decoupling capacitor that is required for 3.3V operation, it can be left unconnected, or it can be
connected to the same 1.8V power source as the respective VDDSHVx pin.
(2)
This pin must always be connected via a 6.3V or greater, 3.3μF ±20% capacitor to VSS when the SDIO_LDO is being used to
source VDDSHV5. The capacitor selected must provide a capacitance within the defined range after it has been derated for DC-bias,
operating temperature, and aging effects. Otherwise, this pin may be connected directly to VSS when the VDDA_3P3_SDIO pin is also
connected directly to VSS.
5.3.19 PRU_ICSSG
MAIN Domain Instances
Table 5-64. PRU_ICSSG0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
PRG0_ECAP0_IN_APWM_OUT
IO
PRU_ICSSG0 Enhanced Capture (ECAP) Input or Auxiliary
PWM (APWM) Output
R2, U5
F3, M4
PRG0_ECAP0_SYNC_IN
I
PRU_ICSSG0 ECAP Sync Input
P5, V5
D1, T1
PRG0_ECAP0_SYNC_OUT
O
PRU_ICSSG0 ECAP Sync Output
AA4, V5
T1, T3
PRG0_IEP0_EDIO_OUTVALID
O
PRU_ICSSG0 Industrial Ethernet (IEP0) Digital I/O Outvalid
C13
B7
PRG0_IEP0_EDC_LATCH_IN0
I
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Latch Input 0
V1
K4
PRG0_IEP0_EDC_LATCH_IN1
I
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Latch Input 1
T1
E2
PRG0_IEP0_EDC_SYNC_OUT0
O
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Sync Output 0
W1
G2
PRG0_IEP0_EDC_SYNC_OUT1
O
PRU_ICSSG0 Industrial Ethernet (IEP0) Distributed Clock
Sync Output 1
U1
E1
PRG0_IEP0_EDIO_DATA_IN_OUT28
IO
PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/Output
W6
Y3
PRG0_IEP0_EDIO_DATA_IN_OUT29
IO
PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/Output
AA5
U1
PRG0_IEP0_EDIO_DATA_IN_OUT30
IO
PRU_ICSSG0 Industrial Ethernet (IEP0) Digital I/O Data
Input/Output
Y5
R2
PRG0_IEP0_EDIO_DATA_IN_OUT31
IO
PRU_ICSSG0 Industrial Ethernet Digital I/O Data Input/Output
V6
U2
PRG0_IEP1_EDC_LATCH_IN0
I
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Latch Input 0
P5
D1
PRG0_IEP1_EDC_LATCH_IN1
I
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Latch Input 1
W5
T5
PRG0_IEP1_EDC_SYNC_OUT0
O
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Sync Output 0
R2
F3
PRG0_IEP1_EDC_SYNC_OUT1
O
PRU_ICSSG0 Industrial Ethernet (IEP1) Distributed Clock
Sync Output 1
V5
T1
PRG0_MDIO0_MDC
O
PRU_ICSSG0 MDIO Clock
P3
D2
PRG0_MDIO0_MDIO
IO
PRU_ICSSG0 MDIO0 Data
P2
E4
PRG0_PRU0_GPI0
I
PRU_ICSSG0 PRU Data Input
Y1
J3
PRG0_PRU0_GPI1
I
PRU_ICSSG0 PRU Data Input
R4
J4
PRG0_PRU0_GPI2
I
PRU_ICSSG0 PRU Data Input
U2
G1
PRG0_PRU0_GPI3
I
PRU_ICSSG0 PRU Data Input
V2
H1
PRG0_PRU0_GPI4
I
PRU_ICSSG0 PRU Data Input
AA2
K2
PRG0_PRU0_GPI5
I
PRU_ICSSG0 PRU Data Input
R3
F2
PRG0_PRU0_GPI6
I
PRU_ICSSG0 PRU Data Input
T3
H2
PRG0_PRU0_GPI7
I
PRU_ICSSG0 PRU Data Input
T1
E2
PRG0_PRU0_GPI8
I
PRU_ICSSG0 PRU Data Input
T2
H5
PRG0_PRU0_GPI9
I
PRU_ICSSG0 PRU Data Input
W6
Y3
PRG0_PRU0_GPI10
I
PRU_ICSSG0 PRU Data Input
AA5
U1
PRG0_PRU0_GPI11
I
PRU_ICSSG0 PRU Data Input
Y3
L1
PRG0_PRU0_GPI12
I
PRU_ICSSG0 PRU Data Input
AA3
K1
PRG0_PRU0_GPI13
I
PRU_ICSSG0 PRU Data Input
R6
N1
PRG0_PRU0_GPI14
I
PRU_ICSSG0 PRU Data Input
V4
N2
PRG0_PRU0_GPI15
I
PRU_ICSSG0 PRU Data Input
T5
N4
PRG0_PRU0_GPI16
I
PRU_ICSSG0 PRU Data Input
U4
N3
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com