Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPW5202FDB5F15 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LPW5202FDB5F15
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202FDB5F15 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LPW5202FDB5F15 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 9Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 10Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 11Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 12Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 13Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 9 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Function Description
LPW5202 series are current limited switches that protect
systems and loads which can be damaged or disrupted by
the application of high currents. The devices all contain a
70mΩ P-channel MOSFET and a controller capable of
working over a wide input operating range of 2.4V to 6V.
The controller protects against system malfunctions
through current limiting, under-voltage lockout and thermal
shutdown. The current limit is adjustable from 200mA to
2.5A through an external resistor, or fixed value typical
1.35A, 1.6A or 2.35A to allow 1.1A, 1.5A or 2.1A
applications.
Enable control
The EN pin controls the state of the switch. When EN is
pulled high, the load switch is turned on. Activating EN
continuously holds the switch in the on state so long as
there is no fault. For all versions, an under-voltage on IN
or a junction temperature in excess of 150°C overrides the
EN control to turn off the switch. The LPW5202 does not
turn off in response to an over current condition but instead
remains operating in a constant current mode as long as
EN is active and the thermal shutdown or under-voltage
lockout have not activated.
The enable pin
EN’s control voltage and IN pin have
independent recommended operating ranges. The EN pin
voltage can be driven by a voltage level higher than the
input voltage.
Reverse Voltage Protection
The LPW5202 has a reverse voltage protection feature
that protects the input when output voltage is higher than
the input. For a standard USB power design, this is an
important feature to protect the USB host from being
damaged due to the current flow from VBUS.
When the load switch is OFF, no current flows from the
output to the input. If the switch is turned on and VOUT - VIN
is higher than VRVP, this feature is activated and turns off
the switch. This prevents any current flow from output to
input. The reverse voltage protection feature will be
deactivated if the VOUT is smaller than VIN. FLAGB
operation is independent of the reverse voltage protection
and does not report a fault condition if this feature is
activated
Current Limit
The current limit ensures that the current through the
switch doesn't exceed a maximum value while not limiting
at less than a minimum value. The current at which the
parts will limit is fixed (LPW5202F/S) or adjustable through
the selection of an external resistor connected to ISET
(LPW5202A). The LPW5202F have a de-bounce time of
10ms, nominally, for indicator pin. At the end of this time,
the FLAGB will be internally pulled down. As long as the
heavy load condition continued, the LPW5202 will remain
in a constant current state until the EN pin is deactivated
or the thermal shutdown turns-off the switch.
Under-Voltage Lockout
The under-voltage lockout turns-off the switch if the input
voltage drops below the under-voltage lockout threshold.
With the EN pin active, the input voltage rising above the
under-voltage lockout threshold will cause a controlled
turn-on of the switch which limits current over-shoots.
Thermal Shutdown
The thermal shutdown protects the die from internally or
externally generated excessive temperatures. During an
over temperature condition, the switch is turned off. The
switch automatically turns on again if the temperature of
the die drops below the threshold temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com