Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPW5202FDB5F15 Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LPW5202FDB5F15
Description  High-Side Load Switch with Over-Current Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202FDB5F15 Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LPW5202FDB5F15 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 8Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 9Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 10Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 11Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 12Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 13Page - Lowpower Semiconductor inc LPW5202FDB5F15 Datasheet HTML 14Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.lowpowersemi.com
Email: marketing@lowpowersemi.com
Page 12 of 14
LPW5202
LPW5202 Rev1.7 June-2022
Reflow Soldering Profile
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat/Soak
Temperature Min(TSMIN)
Temperature Max(TSMAX)
Time(TS) from (TSMIN to TSMAX)
100°C
150°C
60~120 seconds
150°C
200°C
60~120 seconds
Ramp-up rate (TL to TP)
3°C /second max
3°C /second max
Liquidous temperature(TL)
Time(tL) maintained above TL
183°C
60~150 seconds
217°C
60~150 seconds
Peak package body temperature (TP)
For users TP must not exceed the
Classification temp in Table 1.
For suppliers TP must equal or
exceed the Classification temp in
Table 1.
For users TP must not exceed the
Classification temp in Table 2.
For suppliers TP must equal or
exceed the Classification temp in
Table 2.
Time(tP)* within 5℃ of the specified
classification temperature (TC), see
Figure 15
20* seconds
30* seconds
Ramp-down rate (TP to TL)
6°C /second max
6°C /second max
Time 25°C to peak temperature
6 minutes max
8minutes max
* Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum.
Table 1. Sn-Pb Eutectic Process - Classification Temperatures (TC)
Package
Thickness
Volume mm3
<350
Volume mm3
≥350
<2.5mm
235°C
220°C
≥2.5mm
220°C
220°C
Table 2. Pb-Free Process - Classification Temperatures (TC)
Package
Thickness
Volume mm3
<350
Volume mm3
350~2000
Volume mm3
≥350
<1.6mm
260°C
260°C
260°C
1.6mm~2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com