Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4984FC Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 1 Page - STMicroelectronics

  TS4984FC Datasheet HTML 1Page - STMicroelectronics TS4984FC Datasheet HTML 2Page - STMicroelectronics TS4984FC Datasheet HTML 3Page - STMicroelectronics TS4984FC Datasheet HTML 4Page - STMicroelectronics TS4984FC Datasheet HTML 5Page - STMicroelectronics TS4984FC Datasheet HTML 6Page - STMicroelectronics TS4984FC Datasheet HTML 7Page - STMicroelectronics TS4984FC Datasheet HTML 8Page - STMicroelectronics TS4984FC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Rev 2
November 2005
1/30
30
TS4984FC
1.2W Stereo Audio Power Amplifier with
Active Low Standby Mode
■ Operating from VCC = 2.2V to 5.5V
■ 1.2W output power per channel @ VCC =5V,
THD+N = 1%, RL =8Ω
■ 10nA standby current
■ 62dB PSRR @ 217Hz with grounded inputs
■ High SNR: 106dB(A) typ.
■ Near-zero pop & click
■ Available in a 15-bump flip-chip (lead-free)
Description
The TS4984 has been designed for top-class
stereo audio applications. Thanks to its compact
and power dissipation efficient flip-chip package, it
suits various applications.
With a output BTL configuration, this audio power
amplifier is capable of delivering 1.2W per
channel of continuous RMS output power into an
8
Ω load @ 5V.
An externally-controlled standby mode reduces
the supply current to less than 10nA per channel.
The device also features an internal thermal
shutdown protection.
The gain of each channel can be configured by
external gain setting resistors.
Applications
■ Cellular mobile phones
■ Notebook & PDA computers
■ LCD monitors & TVs
■ Portable audio devices
Order Codes
TS4984 - flip-chip 15 bumps
Pin connections (top view)
VCC
IN2+
VCC
BYPASS
IN2-
VOUT1+
STDBY
VOUT2+
VOUT2-
VOUT1-
IN1+
GND
GND
BYPASS
IN1-
VCC
IN2+
VCC
BYPASS
IN2-
VOUT1+
STDBY
VOUT2+
VOUT2-
VOUT1-
IN1+
GND
GND
BYPASS
IN1-
Part Number
Temperature Range
Package
Packing
Marking
TS4984EIJT
-40, +85°C
Lead free flip-chip
Tape & Reel
A84
TS4984EIKJT
Lead free flip-chip +
back coating
www.st.com


Similar Part No. - TS4984FC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984IQT STMICROELECTRONICS-TS4984IQT Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
More results

Similar Description - TS4984FC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4973 STMICROELECTRONICS-TS4973 Datasheet
375Kb / 9P
1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Feb-2003
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com