Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4984FC Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4984FC
Description  1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984FC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4984FC Datasheet HTML 16Page - STMicroelectronics TS4984FC Datasheet HTML 17Page - STMicroelectronics TS4984FC Datasheet HTML 18Page - STMicroelectronics TS4984FC Datasheet HTML 19Page - STMicroelectronics TS4984FC Datasheet HTML 20Page - STMicroelectronics TS4984FC Datasheet HTML 21Page - STMicroelectronics TS4984FC Datasheet HTML 22Page - STMicroelectronics TS4984FC Datasheet HTML 23Page - STMicroelectronics TS4984FC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Application Information
TS4984FC
20/30
The following graph (
Figure 63) shows an example of C
in and Cfeed influence.
4.4
Power dissipation and efficiency
Hypotheses:
Voltage and current in the load are sinusoidal (Vout and Iout).
Supply voltage is a pure DC source (VCC).
Regarding the load we have:
and
and
Therefore, the average current delivered by the supply voltage is:
The power delivered by the supply voltage is:
Then, the power dissipated by each amplifier is:
Figure 63. Frequency response gain versus Cin & Cfeed
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
Rin = Rfeed = 22k
Tamb = 25
°C
Cfeed = 2.2nF
Cfeed = 680pF
Cfeed = 330pF
Cin = 470nF
Cin = 82nF
Cin = 22nF
Frequency (Hz)
V
ou t = VPEAK sinωt
(V)
I
ou t =
V
out
R
L
-------------
(A)
P
ou t =
V
PEAK
2
2R
L
-----------------------
(W)
I
CC
AVG
= 2
V
PEAK
πR
L
-----------------
(A)
P
supp ly
V
CC
I
CC
AV G
=
W
()
P
diss
P
su pp ly
P
ou t
=
W
()
P
diss
22V
CC
π R
L
----------------------
P
out
P
out
=
W
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com