Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIBRATINGLEVELSWITCH Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # VIBRATINGLEVELSWITCH
Description  Vibrating Level Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

VIBRATINGLEVELSWITCH Datasheet(HTML) 1 Page - NOSHOK, INC.

  VIBRATINGLEVELSWITCH Datasheet HTML 1Page - NOSHOK, INC. VIBRATINGLEVELSWITCH Datasheet HTML 2Page - NOSHOK, INC. VIBRATINGLEVELSWITCH Datasheet HTML 3Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
138
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
LL
S
SE20
E20SERIES
APPLICATIONS
■ Suitable for all type of liquids
■ Provides protection from run dry conditions
for pumps, tanks, and pipelines.
■ Threaded versions for common industrial
applications
■ Tri-Clamp versions specialized for food,
pharmaceutical and beverage industries
SPECIFICATIONS
Insertion length for
industrial*
3"
Insertion length for
sanitary*
2-3/8"
Switching output
PNP/3-wire (Transistor PNP)
Accuracy parameters
Switchpoint accuracy +/-0.08 inches (+/- 2 mm)
Switch hysteresis
≤ 0.12 in (3 mm)
Repeatability
0.004 inches (0.1 mm)
Response time
Covered by media - 0.5 seconds
Uncovered by media - 1.0 seconds
Density of media
0.018 to 0.09 lbs/in³ (0.5 to 2.5 g/cm³)
Viscosity
0.1 to 10,000 mPa s (0.1 to 10,000 cP)
Temperature ranges
Media:
Sanitary
-40 °F to 302 °F (-40 °C to 150 °C)
Standard
-40 °F to 212 °F (-40 °C to 100 °C)
High Temp
-40 °F to 302 °F (-40 °C to 150 °C)
Ambient: -40 °F to 140 °F (-40 °C to 60 °C)
Storage: -40 °F to 140 °F (-40 °C to 60 °C)
LED status
Green: Open
Red: Closed
Flashing Red: Error
Power requirement**
10Vdc to 30Vdc
Power consumption
< 1 W
Operating pressure
-15 psi to 930 psi
Housing material
316L Stainless Steel
Wetted parts
316L Stainless Steel, Optional: Hastelloy C-276
Sanitary wetted parts
Ra < 30 uin (0.76 um) ASME BPE SF3
Environmental rating
M12x1 (4-pin) - IP66/68, DIN Form A - IP65 per IEC 60529
Electromagnetic rating
RFI, EMI and ESD protection
Electrical protection
Protected against reverse polarity, over-voltage and short circuit
Weight
Approximately 7 oz.
*Other lengths available, consult factory
** See user manual for detailed specifications
• When covered by media, the frequency of the fork decreases and provides
a switching function
• Can be used for low or high level detection
• Pressure, temperature, foam will not influence the accuracy
• Can be cleaned-in-place (CIP) or steamed-in-place (SIP)
WARNING: This product can expose you to chemicals including Nickel, which is known to the State of California to cause cancer.
For more information go to www.P65Warnings.ca.gov
Vibrating Level Switch
Level Switches


Similar Part No. - VIBRATINGLEVELSWITCH

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
VIBRATINGWIRE CAMPBELL-VIBRATINGWIRE Datasheet
5Mb / 4P
Spectral Analysis Technology
August 11, 2016
More results

Similar Description - VIBRATINGLEVELSWITCH

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENC-03R MURATA-ENC-03R Datasheet
83Kb / 4P
Piezoelectric Vibrating Gyroscopes
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
Liquid level float switch
logo
Vishay Siliconix
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
T10 Float Level Switch
V1H-D1B0-001 MAGNETROL-V1H-D1B0-001 Datasheet
169Kb / 4P
Solitel짰 Vibrating Rod Level Switch
V1H-D1B0-025 MAGNETROL-V1H-D1B0-025 Datasheet
281Kb / 12P
Solitel Vibrating Rod Level Switch
logo
Omron Electronics LLC
61F-GP-NX OMRON-61F-GP-NX Datasheet
1Mb / 15P
Floatless Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
Liquid Level Control Switch
3/18/2021
logo
Murata Manufacturing Co...
ENV-05G MURATA1-ENV-05G Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com