Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VIBRATINGLEVELSWITCH Datasheet(PDF) 2 Page - NOSHOK, INC.

Part # VIBRATINGLEVELSWITCH
Description  Vibrating Level Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

VIBRATINGLEVELSWITCH Datasheet(HTML) 2 Page - NOSHOK, INC.

  VIBRATINGLEVELSWITCH Datasheet HTML 1Page - NOSHOK, INC. VIBRATINGLEVELSWITCH Datasheet HTML 2Page - NOSHOK, INC. VIBRATINGLEVELSWITCH Datasheet HTML 3Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
139
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
ORDERING
INFORMATION
DIMENSIONS
LSE20 SERIES
ORDERING INFORMATION
SERIES
LSE20 Vibrating level switch
SWITCH OUTPUT
1 PNP/3-wire (Transistor PNP)
PROCESS CONNECTIONS*
8 1/2" NPT male
101 1-1/2" Tri-Clamp
18 3/4" NPT male
102 2" Tri-Clamp
ELECTRICAL CONNECTIONS
8 DIN EN 175301-803 Form A
25 M12 x 1 (4-pin)
Please consult your local NOSHOK Distributor or NOSHOK, Inc. for availability and delivery information
LSE20 – 1 – 8 – 25
Series .................................................................................LSE20 Series
Switch output............................................. PNP/3-wire (Transistor PNP)
Process connection.........................................................1/2" NPT male
Electrical connection...................................................... M12 x 1 (4-pin)
EXAMPLE
*Other Connections Available, Consult Factory



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com