Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG1727SX6518-4F-R Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG1727SX6518-4F-R
Description  1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 2-12 Degree RET, 2 x 4.3-10 Female Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG1727SX6518-4F-R Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG1727SX6518-4F-R Datasheet HTML 1Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 2Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 3Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 4Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 5Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 6Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG1727SX6518-4F-R REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain,
2-12 Degree RET, 2 x 4.3-10 Female Connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 2-12 Degree RET, 2 x 4.3-10 Female Connector HG1727SX6518-4F-R
Features
• 2-12° Remote Electrical Tilt (RET) using AISG 2.0
• Internal RET
• 1710-2690 MHz
• 18 dBi gain
• Fiberglass radome for easy and rugged installation
• Downtilt brackets included
• 2 x 4.3-10 Female Connectors for Low Passive Intermodulation
(PIM)
• <-153 dBc PIM at 2x20W tones
Applications
• Mobile networks
• WISP and Wi-Fi Networks
• GSM, UMTS, LTE, 5G Networks
• Public Safety
• Smart Cities
• Industrial and Enterprise Networks
Description
The L-com HG1727SX6518-4F-R is a multi-band RET sector antenna with 45 deg. slant and 1710 to 2690 MHz frequency range with
low PIM 4.3-10 female connectors. Remote Electrical Tilt (RET) antennas allow for the remote adjustment of its tilt angle. This feature
optimizes signal strength and coverage, improving network performance and user experience. Communication networks that require
continuous optimization to adjust antenna beams to changing traffic patterns and environmental conditions will benefit from the remote
AISG controller ready capabilities of the HG1727SX6518-4F-R RET antenna.
L-com’s HG1727SX6518-4F-R has multiple bands operating from 1710 to 1990 MHz with 17.6 dBi gain, 1920 to 2200 MHz with 17.8
dBi gain, 2200 to 2490 MHz with 18.2 dBi gain, and 2490 to 2690 MHz with 18 dBi gain. This directional sector antenna has a maximum
input VSWR of 1.5:1 and a maximum input power of 250 watts.
Whether using a handheld controller or a base station radio with integrated AISG controller, the HG1727SX6518-4F-R remote manage-
ment capabilities make it easy to adjust the electrical tilt angle. Its durable fiberglass construction enables it to withstand harsh envi-
ronments, making it suitable for use in various communication applications. The HG1727SX6518-4F-R RET antenna has a Passive
Intermodulation rating of -153 dBc, which results in reduced interference, more reliable communication, and increased operational
efficiency.
L-com has one of the largest in-stock collections of directional antennas with our wide selection of superior quality RF parts, that ship
same day. Make your online purchase right now to take advantage of our same-day shipping. For further information on similar prod-
ucts, our expert technical support and knowledgeable sales team can help you get the ideal multi band Omni antenna as per your
requirement.
Configuration
Design
Sector
Band Type
Multi
Radiation Pattern
Directional
Polarization
45 Deg. Slant
Connector Type
4.3-10 Female
Number of Ports
2
Lightning Protection
DC Grounded
HG1727SX6518-4F-R


Similar Part No. - HG1727SX6518-4F-R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG1727S4X6518-4F-R L-COM-HG1727S4X6518-4F-R Datasheet
2Mb / 7P
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 2-12 Degree RET, 4 x 4.3-10 Female Connector
03/10/2023
HG1727S6X6518-4F-R L-COM-HG1727S6X6518-4F-R Datasheet
2Mb / 7P
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 0-10 Degree RET, 6 x 4.3-10 Female Connector
03/10/2023
More results

Similar Description - HG1727SX6518-4F-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
logo
CommScope Inc.
R2V4PX310R COMMSCOPE-R2V4PX310R Datasheet
528Kb / 3P
12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020
SBNH-1D65B COMMSCOPE-SBNH-1D65B Datasheet
613Kb / 4P
4-port sector antenna, 2x 698-896 and 2x 1710-2360 MHz, 65° HPBW, 2x RET
June 2, 2019
HBX-3319DS-VTM COMMSCOPE-HBX-3319DS-VTM Datasheet
367Kb / 4P
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
HBXX-3319DS-VTM COMMSCOPE-HBXX-3319DS-VTM Datasheet
378Kb / 3P
4-port sector antenna, 4x 1710–2180 MHz, 33° HPBW, RET compatible
July 28, 2022
CVVPX306R3 COMMSCOPE-CVVPX306R3 Datasheet
657Kb / 4P
6-port sector antenna, 2x 790–960 and 4x 1710–2690 MHz, 65° HPBW, 3x RET with manual override
July 15, 2019
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
logo
CommScope Inc.
NNNOX310R COMMSCOPE-NNNOX310R Datasheet
231Kb / 2P
Tri-sector Antenna, 3x 1710-2170 MHz, 65° horizontal beamwidth, RET compatible
November 15, 2016
RRZZHHTT-65B-R7N43 COMMSCOPE-RRZZHHTT-65B-R7N43 Datasheet
1Mb / 5P
16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
Revised: August 29, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com