Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG1727SX6518-4F-R Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # HG1727SX6518-4F-R
Description  1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain, 2-12 Degree RET, 2 x 4.3-10 Female Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG1727SX6518-4F-R Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  HG1727SX6518-4F-R Datasheet HTML 1Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 2Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 3Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 4Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 5Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 6Page - Infinite Electronics International, Inc. HG1727SX6518-4F-R Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
4
HG1727SX6518-4F-R REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
1710-2690 MHz, 65 Degree Sector Antenna, 18 dBi gain,
2-12 Degree RET, 2 x 4.3-10 Female Connector
HG1727SX6518-4F-R
2° TILT
+45°
-45°
4° TILT
+45°
-45°
6° TILT
+45°
-45°
- 1800 MHz
- 1900 MHz
- 2100 MHz
- 2300 MHz
- 2600 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com