Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC331CD7LP683KX19 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # GC331CD7LP683KX19
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GC331CD7LP683KX19 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  GC331CD7LP683KX19 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GC331CD7LP683KX19 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
■ Specifications and Test Methods
No
Item
Specification
Test Method(Compliant Standard:AEC-Q200)
7
8
9
10
11
12
13
14
260+/-5℃
Test Time
10+/-1s
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
Resistance to Soldering
Heat
Appearance
No defects or abnormalities.
Pre-treatment
Heat treatment:Perform a heat treatment at 150+0/-10°C for 1hour and then let sit for 24+/-2hours
Capacitance or Capacitance Change
Capacitance Change:Within +/-10%
at room temperature, then measure.
Q or D.F.
Within the specified initial value.
Test Method
Solder bath method
I.R.(Room Temp.)
Within the specified initial value.
Kind of Solder
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Test Temperature
1.5mm
Vibration directions and time
This motion should be applied for 12 times in each 3 mutually perpendicular directions
(total of 36 times).
mutually perpendicular axes of the test specimen (18 shocks).
Vibration
Appearance
No defects or abnormalities.
Mounting method
Reflow solder the capacitor on the test substrate
Capacitance
Within the specified initial value.
Kind of Vibration
A 10Hz to 2000Hz to 10Hz
Q or D.F.
Within the specified initial value.
Vibration Time
20min
I.R.(Room Temp.)
Within the specified initial value.
Total amplitude
Mechanical Shock
Appearance
No defects or abnormalities.
Waveform
Half-sine
Capacitance
Within the specified initial value.
Peak value
1500g
Q or D.F.
Within the specified initial value.
Holding Time
0.5ms
Velocity change
4.7m/s
Shocks directions and times
Three shocks in each direction should be applied along 3
Dimension
Shown in Dimension.
Using Measuring instrument of dimension.
Resistance to Solvents
Appearance
No defects or abnormalities.
Per MIL-STD-202 Method 215
Capacitance
Within the specified initial value.
Q or D.F.
Within the specified initial value.
I.R.(Room Temp.)
Within the specified initial value.
Appearance
No defects or abnormalities.
Visual inspection
100% of the rated voltage
Charge/discharge current
50mA max.
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
Operational Life
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance Change
Within +/-12.5%
Pre-treatment
Voltage treatment:Apply the test voltage at the test temperature for 1hour and then let sit for
Q or D.F.
DF≦0.02
24+/-2hours at room temperature, then measure.
I.R.(Room Temp.)
More than 10MΩ・μF
Test Temperature
Maximum Operating Temperature +/-3℃
Test Time
1000+/-12h
Test Voltage
Charge/discharge current
50mA max.
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
80%RH to 85%RH
Test Time
1000+/-12h
Test Voltage
The rated voltage and 1.3+0.2/-0Vdc (add 6.8kΩ resister)
Biased Humidity
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance Change
Within +/-12.5%
Pre-treatment
Heat treatment:Perform a heat treatment at 150+0/-10°C for 1hour and then let sit for 24+/-2hours
Q or D.F.
DF≦0.02
at room temperature, then measure.
I.R.(Room Temp.)
More than 10MΩ・μF
Test Temperature
85+/-3℃
Test Humidity
GC331CD7LP683KX19-00B
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com