Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0R3W0 Datasheet(PDF) 74 Page - Numonyx B.V

Part # JS48F4400P0R3W0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0R3W0 Datasheet(HTML) 74 Page - Numonyx B.V

Back Button JS48F4400P0R3W0 Datasheet HTML 70Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 78Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
74
309823-10
While in DPD mode, the read-mode of each partition, configuration registers (RCR and
ECR), and block lock bits, are preserved. Status register is reset to 0080h; i.e., if the
Status register contains error bits, they will be cleared.
8.5
Standby
When CE# is deasserted, the device is deselected and placed in standby, substantially
reducing power consumption. In standby, data outputs are placed in high-Z,
independent of the level placed on OE#. If deselected during a Program or Erase
operation, the device continues to consume active power until the operation is
complete. There is no additional latency for subsequent read operations.
8.6
Output Disable
When OE# is deasserted with CE# asserted, the device outputs are disabled. Output
pins are placed in a high-impedance state. WAIT is deasserted in AD-muxed devices
and driven to High-Z in non-multiplexed devices.
8.7
Bus Cycle Interleaving
When issuing commands to the device, a read operation can occur between the two
write cycles of a 2-cycle command. (See Figure 43 and Figure 44) However, a write
operation cannot occur between the two write cycles of a 2-cycle command and will
cause a command sequence error (See Figure 45).
Figure 43: Operating Mode with Correct Command Sequence Example
Partition A
Partition A
Partition B
0x20
0xD0
0xFF
Address [A]
WE# [W]
OE# [G]
Data [D/Q]
Figure 44: Operating Mode with Correct Command Sequence Example
Partition A
Partition B
Partition A
0x20
Valid Array Data
0xD0
Address [A]
WE# [W]
OE# [G]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com