Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0R3W0 Datasheet(PDF) 29 Page - Numonyx B.V

Part # JS48F4400P0R3W0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0R3W0 Datasheet(HTML) 29 Page - Numonyx B.V

Back Button JS48F4400P0R3W0 Datasheet HTML 25Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 26Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 27Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 28Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 29Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 30Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 31Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 32Page - Numonyx B.V JS48F4400P0R3W0 Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 139 page
background image
April 2008
Datasheet
309823-10
29
Numonyx™ StrataFlash® Cellular Memory (M18)
Notes:
1.
F4-CE# and A27 share the same package ball at location E6. Only one signal function is available, depending on the
stacked device combination.
2.
Only available on stacked device combinations with NAND, SRAM, and/or LPSDRAM die; otherwise, treated as RFU.
3.
D-DM[1:0] and S-UB#/S-LB# share the same package balls at locations H8 and H9, respectively. Only one signal function
for each ball location is available, depending on the stacked device combination.
4.
S-CS1# and N-RE# share the same package ball at location F6. Only one signal function is available, depending on the
stacked device combination.
5.
S-CS2 and N-WE# share the same package ball at location H2. Only one signal function is available, depending on the
stacked device combination.
6.
In stack packages with only one NOR flash die, this signal can be left floating.
4.3
Ballouts, x16C
4.3.1
x16C (107-Ball) Ballout, Non-Mux
D-DM[1:0]
Input
LPSDRAM DATA MASK: LPSDRAM-specific signal; high-true input.
When high, D-DM[1:0] controls masking of input data during writes and output data during
reads.
• D-DM1 corresponds to the data on DQ[15:8].
• D-DM0 corresponds to the data on DQ[7:0].
2, 3
D-UDQS
D-LDQS
Input /
Output
LPSDRAM UPPER/LOWER DATA STROBE: DDR LPSDRAM-specific input/output signals.
D-UDQS and D-LDQS provide as output the read-data strobes, and as input the write-data
strobes.
• D-UDQS corresponds to the data on DQ[15:8].
• D-LDQS corresponds to the data on DQ[7:0].
2
S-CS1#
S-CS2
Input
SRAM CHIP SELECTS: SRAM-specific signals; S-CS1# low-true input, S-CS2 high-true input.
When both are asserted, S-CS1# and S-CS2 select the SRAM die. When either is deasserted, the
SRAM die is deselected and its power is reduced to standby levels.
2, 4, 5
S-UB#
S-LB#
Input
SRAM UPPER/LOWER BYTE ENABLES: SRAM-specific signals; low-true inputs.
When low, S-UB# enables DQ[15:8] and S-LB# enables DQ[7:0] during SRAM Read and Write
cycles. When high, S-UB# masks DQ[15:8] and S-LB# masks DQ[7:0].
2, 3
Power Signals
F-VPP
Power
FLASH PROGRAM/ERASE VOLTAGE: Flash specific.
F-VPP supplies program or erase power to the flash die.
F1-VCC
Power
FLASH CORE POWER SUPPLY: Flash specific.
F1-VCC supplies the core power to the NOR flash die.
F2-VCC
Power
FLASH CORE POWER SUPPLY: Flash specific.
F2-VCC supplies the core power to either 1) the NOR flash die in stack packages with multiple
NOR flash dies, or 2) NAND flash die in stack packages with NOR-NAND flash dies.
6
VCCQ
Power
I/O POWER SUPPLY: Global device I/O power.
VCCQ supplies the device input/output driver voltage.
D-VCC
Power
LPSDRAM CORE POWER SUPPLY: LPSDRAM specific.
D-VCC supplies the core power to the LPSDRAM die.
2
S-VCC
Power
SRAM POWER SUPPLY: SRAM specific.
S-VCC supplies the core power to the SRAM die.
2
VSS
Groun
d
DEVICE GROUND: Global ground reference for all signals and power supplies.
Connect all VSS balls to system ground. Do not float any VSS connections.
DU
—
DO NOT USE:
Ball should not be connected to any power supplies, signals, or other balls. Ball can be left
floating.
RFU
—
RESERVED FOR FUTURE USE:
Reserved by Numonyx for future device functionality/enhancement. Ball must be left floating.
Table 7:
Signal Descriptions, x16D Non-Mux/AD-Mux; x16D AA/D-Mux (Sheet 4 of 4)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com