Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0ZFC0 Datasheet(PDF) 39 Page - Numonyx B.V

Part # JS48F4400P0ZFC0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0ZFC0 Datasheet(HTML) 39 Page - Numonyx B.V

Back Button JS48F4400P0ZFC0 Datasheet HTML 35Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 36Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 37Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 38Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 39Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 40Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 41Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 42Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
April 2008
Datasheet
309823-10
39
Numonyx™ StrataFlash® Cellular Memory (M18)
F-ADV#
Input
FLASH ADDRESS VALID: Flash-specific signal; low-true input.
During synchronous flash Read operations, the address is latched on the rising edge of F-
ADV#, or on the first rising edge of F-CLK after F-ADV# goes low for devices that support up
to 108 MHz, or on the last rising edge of F-CLK after F-ADV# goes low for devices that support
up to 133 MHz.
In an asynchronous flash Read operation, the address is latched on the rising edge of F-ADV#.
F[4:1]-CE#
Input
FLASH CHIP ENABLE: Flash-specific signal; low-true input.
When low, F-CE# selects the associated flash memory die.
When high, F-CE# deselects the associated flash die. Flash die power is reduced to standby
levels, and its data and F-WAIT outputs are placed in a High-Z state.
• F1-CE# is dedicated to flash die #1.
• F[4:2]-CE# are dedicated to flash die #4 through #2, respectively, if present. Otherwise,
treat any unused flash chip enable as RFU.
• When NAND is used, F4-CE# is dedicated for NAND die 1 and NAND die 2. Otherwise, this
is RFU.
F-CLK
Input
FLASH CLOCK: Flash-specific signal; configurable active-edge input.
F-CLK synchronizes the flash memory with the system clock during synchronous operations.
D-CLK
Input
LPSDRAM CLOCK: LPSDRAM-specific signal; rising active-edge input.
D-CLK synchronizes the LPSDRAM and DDR LPSDRAM with the system clock.
1
D-CLK#
Input
DDR LPSDRAM CLOCK: DDR LPSDRAM-specific signal; falling active-edge input.
D-CLK# synchronizes the DDR LPSDRAM with the system clock.
1
F-OE#
Input
FLASH OUTPUT ENABLE: Flash-specific signal; low-true input.
• When low, OE# enables the output drivers of the selected flash die.
• When high, OE# disables the output drivers of the selected flash die and places the
output drivers in High-Z.
F-RST#
Input
FLASH RESET: Flash-specific signal; low-true input.
• When low, F-RST# resets internal operations and inhibits writes.
• When high, F-RST# enables normal operation.
F-WAIT
Output
FLASH WAIT: Flash-specific signal; configurable-true output.
When asserted, F-WAIT indicates invalid output data.
• F-WAIT is driven whenever F-CE# and OE# is low.
• F-WAIT is High-Z whenever F-CE# or OE# is high.
F-WE#
Input
FLASH WRITE ENABLE: Flash-specific signal; low-true input.
When low, WE# enables write operations for the selected flash die.
N-WE#
Input
NAND WRITE ENABLE: NAND-specific signal; low-true input.
When low, WE# enables write operations for the selected NAND die.
1
D-WE#
Input
LPSDRAM WRITE ENABLE: LPSDRAM-specific signal; low-true input.
D-WE#, together with A[MAX:0], D-BA[1:0], D-CKE, D-CS#, D-CAS#, and D-RAS#, define
the LPSDRAM command or operation. D-WE# is sampled on the rising edge of D-CLK.
1
F-WP[2:1]#
Input
FLASH WRITE PROTECT: Flash-specific signals; low-true inputs.
When low, F-WP# enables the Lock-Down mechanism.
When high, F-WP# overrides the Lock-Down function, enabling locked-down blocks to be
unlocked with the Unlock command.
• F-WP1# is dedicated to flash die #1.
• F-WP2# is used for NAND die when available. Otherwise, this signal is for all other NOR
die.
F-DPD
Input
FLASH DEEP POWER-DOWN: Flash-specific signal; configurable-true input.
When enabled in the ECR, F-DPD is used to enter or exit Deep Power-Down mode.
N-CLE
Input
NAND COMMAND LATCH ENABLE: NAND-specific signal; high-true input.
When high, N-CLE enables commands to be latched on the rising edge of WE#.
1
N-ALE
Input
NAND ADDRESS LATCH ENABLE: NAND-specific signal; high-true input.
When high, N-ALE enables addresses to be latched on the rising edge of WE#.
1
Table 9:
Signal Descriptions, x16 Split Bus, Non-Mux (Sheet 2 of 4)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com