Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0ZFC0 Datasheet(PDF) 49 Page - Numonyx B.V

Part # JS48F4400P0ZFC0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0ZFC0 Datasheet(HTML) 49 Page - Numonyx B.V

Back Button JS48F4400P0ZFC0 Datasheet HTML 45Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 46Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 47Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 48Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 49Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 50Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 51Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 52Page - Numonyx B.V JS48F4400P0ZFC0 Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
April 2008
Datasheet
309823-10
49
Numonyx™ StrataFlash® Cellular Memory (M18)
Notes:
1.
See the following table for component values.
2.
Test configuration component value for worst case speed conditions.
3.
CL includes jig capacitance.
7.2
Read Specifications
Read specifications for 108 MHz and 133 MHz M18 devices are included here. For
additional information on lithography, density, and frequency combinations, see
Table 4, “M18 Product Litho/Density/Frequency Combinations” on page 10 in the
Section 2.0, “Functional Description.
Devices which support frequencies up to 133 MHz must meet additional timing
specifications for synchronous reads (for address latching with CLK) as listed in
Table 20, “AC Read, 133 MHz, VCCQ = 1.7 V to 2.0 V” on page 51.
Table 17: AC Input Requirements
Symbol
Parameter
Frequency
Min
Max
Unit
Condition
tRISE/FALL
Inputs rise/fall time (Address, CLK, CE#,
OE#, ADV#, WE#, WP#)
@133MHz, 108MHz
0.3
1.2
ns
VIL to VIH or VIH to VIL
@66MHz
0
3
tASKW
Address-Address skew
0
3
At VCCQ/2
Figure 19: Transient Equivalent Testing Load Circuit
Table 18: Test Configuration Component Value for Worst Case Speed Conditions
Test Configuration
CL (pF)
1.7 V Standard Test
30
2.0 V Standard Test
30
Figure 20: Clock Input AC Waveform
Device
Under Test
Out
C
L
CLK [C]
V
IH
V
IL
R203
R202
R201
CLKIN PUT.vsd
V
CC Q/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com