Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFC0 Datasheet(PDF) 16 Page - Numonyx B.V

Part # JS48F4400P0RFC0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFC0 Datasheet(HTML) 16 Page - Numonyx B.V

Back Button JS48F4400P0RFC0 Datasheet HTML 12Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 13Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 14Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 15Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 16Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 17Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 18Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 19Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
16
309823-10
Figure 3: Mechanical Specifications: x16D (105-ball) package (9x11x1.2 mm)
Dimensions
Symbol
Min
Nom
Max
Notes
Min
Nom
Max
Package Height
A
1.2
0.0472
Ball Height
A1
0.200
0.0079
Package Body Thickness
A2
0.860
0.0339
Ball (Lead) Width
b
0.325
0.375
0.425
0.0128
0.0148
0.0167
Package Body Length
D
10.90
11.00
11.10
0.4291
0.4331
0.4370
Package Body Width
E
8.90
9.00
9.10
0.3504
0.3543
0.3583
Pitch
e
0.800
0.0315
Ball (Lead) Count
N
105
105
Seating Plane Coplanarity
Y
0.100
0.0039
Corner to Ball Distance Along E
S1
1.200
1.300
1.400
0.0472
0.0512
0.0551
Corner to Ball Distance Along D
S2
1.000
1.100
1.200
0.0394
0.0433
0.0472
Note: Drawing not to scale.
A
Y
A2
A1
Pin 1
Corner
D
E
b
A
B
C
D
E
F
G
H
J
K
8
7
6
5
4
3
2
19
L
M
Top View - Ball Side Down
S1
S2
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com