Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFC0 Datasheet(PDF) 28 Page - Numonyx B.V

Part # JS48F4400P0RFC0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFC0 Datasheet(HTML) 28 Page - Numonyx B.V

Back Button JS48F4400P0RFC0 Datasheet HTML 24Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 25Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 26Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 27Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 28Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 29Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 30Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 31Page - Numonyx B.V JS48F4400P0RFC0 Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
28
309823-10
OE#
Input
OUTPUT ENABLE: Flash- and SRAM-specific signal; low-true input.
When low, OE# enables the output drivers of the selected flash or SRAM die. When high, OE#
disables the output drivers of the selected flash or SRAM die and places the output drivers in
High-Z.
F-RST#
Input
FLASH RESET: Flash-specific signal; low-true input.
When low, F-RST# resets internal operations and inhibits writes. When high, F-RST# enables
normal operation.
F-WAIT
Output
FLASH WAIT: Flash -specific signal; configurable-true output.
When asserted, F-WAIT indicates invalid output data. F-WAIT is driven whenever F-CE# and
OE# are low. F-WAIT is High-Z whenever F-CE# or OE# is high.
WE#
Input
WRITE ENABLE: Flash- and SRAM-specific signal; low-true input.
When low, WE# enables Write operations for the enabled flash or SRAM die.
D-WE#
Input
LPSDRAM WRITE ENABLE: LPSDRAM-specific signal; low-true input.
D-WE#, together with A[MAX:0], D-BA[1:0], D-CKE, D-CS#, D-CAS#, and D-RAS#, define the
LPSDRAM command or operation. D-WE# is sampled on the rising edge of D-CLK.
2
F-
WP[2:1]#
Input
FLASH WRITE PROTECT: Flash-specific signals; low-true inputs.
When low, F-WP# enables the Lock-Down mechanism. When high, F-WP# overrides the Lock-
Down function, enabling locked-down blocks to be unlocked with the Unlock command.
• F-WP1# is dedicated to flash die #1.
• F-WP2# is common to all other flash dies, if present. Otherwise it is RFU.
• For NOR/NAND stacked device, F-WP1# selects all NOR dies; F-WP2# selects all NAND dies.
F-DPD
Input
FLASH DEEP POWER-DOWN: Flash-specific signal; configurable-true input.
When enabled in the ECR, F-DPD is used to enter and exit Deep Power-Down mode.
N-CLE
Input
NAND COMMAND LATCH ENABLE: NAND-specific signal; high-true input.
When high, N-CLE enables commands to be latched on the rising edge of N-WE#.
2
N-ALE
Input
NAND ADDRESS LATCH ENABLE: NAND-specific signal; high-true input.
When high, N-ALE enables addresses to be latched on the rising edge of N-WE#.
2
N-RE#
Input
NAND READ ENABLE: NAND-specific signal; low-true input.
When low, N-RE# enables the output drivers of the selected NAND die. When high, N-RE#
disables the output drivers of the selected NAND die and places the output drivers in High-Z.
2, 4
N-RY/BY#
Output
NAND READY/BUSY: NAND-specific signal; low-true output.
When low, N-RY/BY# indicates the NAND is busy performing a read, program, or erase
operation. When high, N-RY/BY# indicates the NAND device is ready.
2
N-WE#
Input
NAND WRITE ENABLE: NAND-specific signal; low-true input.
When low, N-WE# enables Write operations for the enabled NAND die.
2, 5
D-CKE
Input
LPSDRAM CLOCK ENABLE: LPSDRAM-specific signal; high-true input.
When high, D-CKE indicates that the next D-CLK edge is valid. When low, D-CKE indicates that
the next D-CLK edge is invalid and the selected LPSDRAM die is suspended.
2
D-BA[1:0]
Input
LPSDRAM BANK SELECT: LPSDRAM-specific input signals.
D-BA[1:0] selects one of four banks in the LPSDRAM die.
2
D-RAS#
Input
LPSDRAM ROW ADDRESS STROBE: LPSDRAM-specific signal; low-true input.
D-RAS#, together with A[MAX:0], D-BA[1:0], D-CKE, D-CS#, D-CAS#, and D-WE#, define the
LPSDRAM command or operation. D-RAS# is sampled on the rising edge of D-CLK.
2
D-CAS#
Input
LPSDRAM COLUMN ADDRESS STROBE: LPSDRAM-specific signal; low-true input.
D-CAS#, together with A[MAX:0], D-BA[1:0], D-CKE, D-CS#, D-RAS#, and D-WE#, define the
LPSDRAM command or operation. D-CAS# is sampled on the rising edge of D-CLK.
2
D[2:1]-
CS#
Input
LPSDRAM CHIP SELECT: LPSDRAM-specific signal; low-true input.
When low, D-CS# selects the associated LPSDRAM memory die and starts the command input
cycle. When D-CS# is high, commands are ignored but operations continue.
• D-CS#, together with A[MAX:0], D-BA[1:0], D-CKE, D-RAS#, D-CAS#, and D-WE#, define
the LPSDRAM command or operation. D-CS# is sampled on the rising edge of D-CLK.
• D[2:1]-CS# are dedicated to LPSDRAM die #2 and die #1, respectively, if present.
Otherwise, any unused LPSDRAM chip selects should be treated as RFU.
2
Table 7:
Signal Descriptions, x16D Non-Mux/AD-Mux; x16D AA/D-Mux (Sheet 3 of 4)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com