Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2241 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2241
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2241 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2241 Datasheet HTML 13Page - SMSC Corporation USB2241 Datasheet HTML 14Page - SMSC Corporation USB2241 Datasheet HTML 15Page - SMSC Corporation USB2241 Datasheet HTML 16Page - SMSC Corporation USB2241 Datasheet HTML 17Page - SMSC Corporation USB2241 Datasheet HTML 18Page - SMSC Corporation USB2241 Datasheet HTML 19Page - SMSC Corporation USB2241 Datasheet HTML 20Page - SMSC Corporation USB2241 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2240/USB2241
17
Revision 2.6 (05-08-08)
DATASHEET
5.2
Buffer Type Descriptions
1.8V PLL
Power
VDD18PLL
34
This pin is the 1.8V Power for the PLL.
+1.8V Filtered analog power for internal PLL. This
pin must have a 1.0
μF(or greater) ±20% (ESR
<0.1
Ω) capacitor to VSS.
Ground
VSS
SLUG
Ground Reference
Table 5.2 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
IPU
Input with internal weak pull-up resistor.
IS
Input with Schmitt trigger.
I/O12
Input/Output buffer with 12mA sink and 12mA source.
I/O200
Input/Output buffer 12mA with FET disabled, 100/200mA source only with FET enabled.
I/O12PD
Input/Output buffer with 12mA sink and 12mA source, with an internal weak pull-down
resistor.
I/O12PU
Input/Output buffer with 12mA sink and 12mA source with a pull-up resistor.
O12
Output buffer with 12mA source.
O12PU
Output buffer with 12mA sink and 12mA source, with a pull-up resistor.
O12PD
Output buffer with 12mA sink and 12mA source, with a pull-down resistor.
ICLKx
XTAL clock input.
OCLKx
XTAL clock output.
I/O-U
Analog Input/Output Defined in USB specification.
I-R
RBIAS.
Table 5.1 USB2240/USB2241 36-Pin QFN Pin Descriptions (continued)
NAME
SYMBOL
36-PIN
QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com