Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2241 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2241
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2241 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2241 Datasheet HTML 5Page - SMSC Corporation USB2241 Datasheet HTML 6Page - SMSC Corporation USB2241 Datasheet HTML 7Page - SMSC Corporation USB2241 Datasheet HTML 8Page - SMSC Corporation USB2241 Datasheet HTML 9Page - SMSC Corporation USB2241 Datasheet HTML 10Page - SMSC Corporation USB2241 Datasheet HTML 11Page - SMSC Corporation USB2241 Datasheet HTML 12Page - SMSC Corporation USB2241 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2240/USB2241
9
Revision 2.6 (05-08-08)
DATASHEET
Chapter 3 Pin Table
3.1
36-Pin Package xD/SD/MS Interfaces Multiplexed
Table 3.1 USB2240 36-Pin QFN Package
xD/MS/SD INTERFACE (18 PINS)
xD_D3 /
SD_D1 /
MS_D5
xD_D2 /
SD_D0 /
MS_D4
xD_D1 /
SD_D7 /
MS_D6
xD_D0 /
SD_D6 /
MS_D7
xD_nWP /
SD_CLK /
MS_BS
xD_ALE /
SD_D5 /
MS_D1
xD_CLE /
SD_CMD /
MS_D0
xD_D7 /
SD_D4 /
MS_D2
xD_D6 /
SD_D3 /
MS_D3
xD_D5 / SD_D2
xD_nRE
xD_nWE
xD_D4 / GPIO6
(SD_WP) / MS_SCLK
xD_nB/R
xD_nCE
GPIO12 (MS_INS)
GPIO14 (xD_nCD)
GPIO15 (SD_nCD)
USB INTERFACE (7 PINS)
USB+
USB-
RBIAS
VDDA33
VDD18PLL
XTAL1 (CLKIN)
XTAL2
MISC (7 Pins)
nRESET
GPIO2 / RXD / SDA
GPIO4
GPIO7 / TXD / SCK /
MS_SKT_SEL
TEST
GPIO1 (LED1)
GPIO10 (CRD_PWR)
DIGITAL, POWER (4 PINS)
(3) VDD33
(1) VDD18
TOTAL 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com