Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2250 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2250 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2250 Datasheet HTML 10Page - SMSC Corporation USB2250 Datasheet HTML 11Page - SMSC Corporation USB2250 Datasheet HTML 12Page - SMSC Corporation USB2250 Datasheet HTML 13Page - SMSC Corporation USB2250 Datasheet HTML 14Page - SMSC Corporation USB2250 Datasheet HTML 15Page - SMSC Corporation USB2250 Datasheet HTML 16Page - SMSC Corporation USB2250 Datasheet HTML 17Page - SMSC Corporation USB2250 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
14
SMSC USB2250/51/59
DATASHEET
Chapter 5 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. When “n” is not present before the signal name, the signal is asserted at the
high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signals. The term assert, or assertion, indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation, indicates that a signal is inactive.
5.1
USB2250/51/59 128-Pin VTQFP Pin Descriptions
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION
COMPACT FLASH INTERFACE
CF Chip
Select 0
CF_nCS0
71
O12
This pin is the active low chip select 0 signal for
the task file registers of CF ATA device in the True
IDE mode.
CF Register
Address
CF_SA[2:0]
82
83
84
I/O12
These pins are the register select address bits for
the CF ATA device.
CF Interrupt
CF_IRQ
74
IPD
This is the active high interrupt request signal from
the CF device.
This pin has an internal weak pull-down resistor
that can be controlled by:
CF_INTF_EN bit of CFC_ATA_MODE_CTL
CF Data 15-8 /
GPIO
CF_D[15:8] /
GPIO[31:24]
70
68
66
62
60
90
89
87
I/O12PD
CF_D[15:8]: The bi-directional data signals
CF_D15 - CF_D8 in True IDE mode data transfer.
In the True IDE Mode, all of task file register
operations occur on the CF_D[7:0], while the data
transfer is on CF_D[15:0].
The bi-directional data signal has an internal weak
pull-down resistor.
I/O12
GPIO[31:24]: These Pins are GPIOs if
CF_INTF_EN bit of CFC_ATA_MODE CTL is
disabled and EXTENDED_GPIO bit is set in
UTIL_CONFIG1 is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com