Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2250 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2250 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2250 Datasheet HTML 14Page - SMSC Corporation USB2250 Datasheet HTML 15Page - SMSC Corporation USB2250 Datasheet HTML 16Page - SMSC Corporation USB2250 Datasheet HTML 17Page - SMSC Corporation USB2250 Datasheet HTML 18Page - SMSC Corporation USB2250 Datasheet HTML 19Page - SMSC Corporation USB2250 Datasheet HTML 20Page - SMSC Corporation USB2250 Datasheet HTML 21Page - SMSC Corporation USB2250 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
18
SMSC USB2250/51/59
DATASHEET
SD / MMC INTERFACE
SD Data 7-0
SD_D[7:0]
13
11
19
21
22
23
10
12
I/O12PU
These are the bi-directional data signals
SD_D0 - SD_D7.
The bi-directional signals should have weak pull-
up resistors. The register can be controlled by:
SD_MMC_INTF_EN bit of SDC_MODE_CTL
SD Clock
SD_CLK
18
O12
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD Command
SD_CMD
20
I/O12PU
This is a bi-directional signal that connects to the
CMD signal of SD/MMC device.
The bi-directional signal should have an internal
weak pull-up resistor.
The pull-up register can be controlled by:
SD_MMC_INTF_EN bit of SDC_MODE CTL
SD Write
Protected
GPIO
GPIO6
(SD_WP)
105
I/O12
This is a GPIO designated as the Secure Digital
card mechanical write detect pin.
SD Card
Detect GPIO
GPIO15
(SD_nCD)
32
I/O12
This is a GPIO designated as the Secure Digital
card detection pin.
USB INTERFACE
USB Bus Data
USB+
USB-
7
8
I/O-U
These pins connect to the USB bus data signals.
USB
Transceiver
Bias
RBIAS
127
I-R
A 12.0k , 1.0% resistor is attached from VSSA to
this pin in order to set the transceiver's internal
bias currents.
Crystal
Input/External
Clock Input
XTAL1
(CLKIN)
124
ICLKx
24MHz Crystal or external clock input.
XTAL: This pin can be connected to one terminal
of the crystal or can be connected to an external
24/48MHz clock when a crystal is not used.
Note:
The MA[1:0] pins will be sampled while
nRESET is asserted, and the value will
be latched upon nRESET negation. This
will determine the clock source and
value.
Crystal Output
XTAL2
123
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left
open when an external clock source is used to
drive XTAL1/CLKIN. It may not be used to drive
any external circuitry other than the crystal circuit.
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com