Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58MR064D Datasheet(PDF) 19 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 15Page - STMicroelectronics M58MR064D Datasheet HTML 16Page - STMicroelectronics M58MR064D Datasheet HTML 17Page - STMicroelectronics M58MR064D Datasheet HTML 18Page - STMicroelectronics M58MR064D Datasheet HTML 19Page - STMicroelectronics M58MR064D Datasheet HTML 20Page - STMicroelectronics M58MR064D Datasheet HTML 21Page - STMicroelectronics M58MR064D Datasheet HTML 22Page - STMicroelectronics M58MR064D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19/52
M58MR064C, M58MR064D
Table 14. Read Configuration Register (AS and Read CFI instructions) (1)
Note: 1. The RCR can be read via the RSIG command (90h). Bank A Address + 05h contains the RCR data. See Table 9.
2. All the bits in the RCR are set to default on device power-up or reset.
Table 15. BINV Configuration Bits
Configuration Register
Function
CR15
Read mode
0 = Synchronous Burst mode read
1 = Asynchronous Page mode read (default)
CR14
Bus Invert configuration (power save)
0 = disabled (default)
1 = enabled
CR13-CR11
X-Latency
010 = 2 clock latency
011 = 3 clock latency
100 = 4 clock latency
101 = 5 clock latency
111 = reserved
Other configurations reserved
CR10
Power-down configuration
0 = power-down disabled (default)
1 = power-down enabled
CR9
Reserved
CR8
Wait configuration
0 = WAIT is active during wait state
1 = WAIT is active one data cycle before wait state (default)
CR7
Burst order configuration
0 = Interleaved
1 = Linear (default)
CR6
Clock configuration
0 = Address latched and data output on the falling clock edge
1 = Address latched and data output on the rising clock edge (default)
CR5-CR4
Reserved
CR3
Burst Wrap
0 = burst wrap within burst length set by CR2-CR0
1 = Don’t wrap accesses within burst length set by CR2-CR0 (default)
CR2-CR0
Burst length
001 = 4 word burst length
010 = 8 word burst length
111 = Continuous burst mode (requires CR7 = 1)
CR15
CR14
BINV
IN
OUT
0
0X0
0
1
Active
Active
1
0X0
1
1
Active
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com