Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58MR064D Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 21Page - STMicroelectronics M58MR064D Datasheet HTML 22Page - STMicroelectronics M58MR064D Datasheet HTML 23Page - STMicroelectronics M58MR064D Datasheet HTML 24Page - STMicroelectronics M58MR064D Datasheet HTML 25Page - STMicroelectronics M58MR064D Datasheet HTML 26Page - STMicroelectronics M58MR064D Datasheet HTML 27Page - STMicroelectronics M58MR064D Datasheet HTML 28Page - STMicroelectronics M58MR064D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25/52
M58MR064C, M58MR064D
Table 19. CFI Query System Interface Information
Offset
Data
Description
Value
1Bh
0017h
VDD Logic Supply Minimum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 millivolts
1.7V
1Ch
0020h
VDD Logic Supply Maximum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 millivolts
2V
1Dh
0017h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 millivolts
1.7V
1Eh
00C0h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 millivolts
12V
1Fh
0004h
Typical timeout per single byte/word program = 2n µs
16µs
20h
0004h
Typical timeout for tetra word program = 2n µs
16µs
21h
000Ah
Typical timeout per individual block erase = 2n ms
1s
22h
0000h
Typical timeout for full chip erase = 2n ms
NA
23h
0004h
Maximum timeout for word program = 2n times typical
256µs
24h
0004h
Maximum timeout for tetra word = 2n times typical
256µs
25h
0004h
Maximum timeout per individual block erase = 2n times typical
16s
26h
0000h
Maximum timeout for chip erase = 2n times typical
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com