Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR064ET Datasheet(PDF) 64 Page - STMicroelectronics

Part # M58WR064ET
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064ET Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M58WR064ET Datasheet HTML 60Page - STMicroelectronics M58WR064ET Datasheet HTML 61Page - STMicroelectronics M58WR064ET Datasheet HTML 62Page - STMicroelectronics M58WR064ET Datasheet HTML 63Page - STMicroelectronics M58WR064ET Datasheet HTML 64Page - STMicroelectronics M58WR064ET Datasheet HTML 65Page - STMicroelectronics M58WR064ET Datasheet HTML 66Page - STMicroelectronics M58WR064ET Datasheet HTML 67Page - STMicroelectronics M58WR064ET Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
M58WR064ET, M58WR064EB
64/82
Note: 1. The variable P is a pointer which is defined at CFI offset 15h.
2. Bank Regions. There are two Bank Regions, Region 1 contains all the banks that are made up of main blocks only, Region 2 con-
tains the banks that are made up of the parameter and main blocks.
(P+34)h =6Dh
03h
(P+3C)h =75h
03h
Bank Region 2 (Erase Block Type 1): Page mode and
synchronous
mode capabilities (defined in table 10)
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved
(P+35)h =6Eh
07h
Bank Region 2 Erase Block Type 2 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+36)h =6Fh
00h
(P+37)h =70h
20h
(P+38)h =71h
00h
(P+39)h =72h
64h
Bank Region 2 (Erase Block Type 2)
Minimum block erase cycles × 1000
(P+3A)h =73h
00h
(P+3B)h =74h
01h
Bank Region 2 (Erase Block Type 2): BIts per cell, internal ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved
(P+3C)h =75h
03h
Bank Region 2 (Erase Block Type 2): Page mode and
synchronous
mode capabilities (defined in table 10)
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved
(P+3D)h =76h
(P+3D)h =76h
Feature Space definitions
(P+3E)h =77h
(P+3E)h =77h
Reserved
M58WR064ET (top)
M58WR064EB (bottom)
Description
Offset
Data
Offset
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com