Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR064ET Datasheet(PDF) 73 Page - STMicroelectronics

Part # M58WR064ET
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064ET Datasheet(HTML) 73 Page - STMicroelectronics

Back Button M58WR064ET Datasheet HTML 69Page - STMicroelectronics M58WR064ET Datasheet HTML 70Page - STMicroelectronics M58WR064ET Datasheet HTML 71Page - STMicroelectronics M58WR064ET Datasheet HTML 72Page - STMicroelectronics M58WR064ET Datasheet HTML 73Page - STMicroelectronics M58WR064ET Datasheet HTML 74Page - STMicroelectronics M58WR064ET Datasheet HTML 75Page - STMicroelectronics M58WR064ET Datasheet HTML 76Page - STMicroelectronics M58WR064ET Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
73/82
M58WR064ET, M58WR064EB
Figure 29. Enhanced Factory Program Flowchart
Note: 1. Address can remain Starting Address WA1 or be incremented.
Write 30h
Address WA1
AI06160
Start
Read Status
Register
YES
NO
SR0 = 0?
End
Write D0h
Address WA1
Write PD1
Address WA1
Write PD2
Address WA2(1)
YES
NO
Read Status
Register
Write PDn
Address WAn(1)
YES
NO
Read Status
Register
Read Status
Register
NO
Write PD1
Address WA1(1)
Write PDn
Address WAn(1)
NO
Read Status
Register
Write FFFFh
Address
Block WA1
SETUP PHASE
VERIFY PHASE
SR0 = 0?
SR0 = 0?
SR0 = 0?
SR0 = 0?
Read Status
Register
YES
NO
SR0 = 0?
Write FFFFh
Address Block WA1
SR7 = 0?
YES
NO
Check SR4, SR3
and SR1 for program,
VPP and Lock Errors
Exit
Read Status
Register
NO
Write PD2
Address WA2(1)
SR0 = 0?
YES
Read Status
Register
SR7 = 1?
Check Status
Register for Errors
YES
NO
YES
YES
PROGRAM PHASE
EXIT PHASE
=/
/=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com