Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4534CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4534CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4534 (single 4-to-1) and MAX4535 (dual 2-to-
1) fault-protected multiplexers operate with ±4.5V to
±20V dual supplies or a +9V to +36V single supply.
These multiplexers feature fault-protected inputs, rail-
to-rail signal-handling capability, and overvoltage
clamping at 150mV beyond the rails. Both parts feature
±40V overvoltage protection with supplies off and ±25V
protection with supplies on. On-resistance is 400
Ω max
and is matched between channels to 10
Ω max. All digi-
tal inputs have TTL logic thresholds, ensuring
TTL/CMOS-logic compatibility when using a single
+12V or dual ±15V supplies.
Applications
Data-Acquisition Systems
Industrial and Process Control
Avionics
Signal Routing
Redundant/Backup Systems
Features
♦ ±40V Fault Protection with Power Off
±25V Fault Protection with ±15V Supplies
♦ No Power-Supply Sequencing Required
♦ All Channels Off with Power Off
♦ Rail-to-Rail Signal Handling
♦ Output Clamped to Appropriate Supply Voltage
During Fault Condition
♦ 1.0kΩ typ Output Clamp Resistance During
Overvoltage
♦ 400Ω max On-Resistance
♦ 20ns typ Fault Response Time
♦ ±4.5V to ±20V Dual Supplies
+9V to +36V Single Supply
♦ TTL/CMOS-Compatible Logic Inputs
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
________________________________________________________________ Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
A1
GND
V+
NO3
NO1
V-
EN
A0
TOP VIEW
MAX4534
NO4
N.C.
N.C.
COM
N.C.
NO2
TSSOP/SO/DIP
LOGIC
14
13
12
11
10
9
8
1
2
3
4
5
6
7
N.C.
GND
V+
NO1B
NO1A
V-
EN
A0
MAX4535
NO2B
N.C.
COMB
COMA
N.C.
NO2A
TSSOP/SO/DIP
LOGIC
19-1609; Rev 2; 5/05
Ordering Information
Pin Configurations
14 Narrow SO
0°C to +70°C
MAX4535CSD
14 TSSOP
0°C to +70°C
MAX4535CUD
14 Plastic DIP
-40°C to +85°C
MAX4534EPD
14 Narrow SO
-40°C to +85°C
MAX4534ESD
14 TSSOP
-40°C to +85°C
MAX4534EUD
14 Plastic DIP
14 Narrow SO
14 TSSOP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX4534CPD
MAX4534CSD
MAX4534CUD
PART
14 Plastic DIP
-40°C to +85°C
MAX4535EPD
14 Narrow SO
-40°C to +85°C
MAX4535ESD
14 TSSOP
-40°C to +85°C
MAX4535EUD
14 Plastic SO
0°C to +70°C
MAX4535CPD
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX4534CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4534CSD MAXIM-MAX4534CSD Datasheet
193Kb / 16P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
More results

Similar Description - MAX4534CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
logo
Aeroflex Circuit Techno...
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
Dual 4 to 1 Multiplexers
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com