Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4534CSD Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4534CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
VNO_ = ±25V
RCOM_
ns
ns
Enable Turn-On Time
Transition Time
500
130
350
tTRANS
Figure 2
C, E
+25°C
10
60
VNO_ = ±10V, RL = 1k
Ω,
Figure 4
ns
tBBM
Break-Before-Make Time Delay
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
TA
400
135
275
tON
µA
-1
1
IA_, IEN
Input Logic Current
V
0.8
VA_L,
VENL
Input Logic Voltage Low
V
2.4
VA_H,
VENH
Input Logic Voltage High
µs
2.5
± Fault Recovery Time
ns
20
± Fault Response Time
COM_ On Clamp Output
Resistance, Supplies On
k
Ω
0.1
1.0
2.5
COM_ On Clamp Output
Current, Supplies On
-13
-11
-7
mA
710
13
ICOM_
µA
nA
-5
5
-20
20
INO_
NO_ Input Leakage Current,
Supplies Off
INO_
NO_ Input Leakage Current,
Supplies On
nA
-20
20
-200
200
VNO_ = ±10V, RL = 1k
Ω,
Figure 3
VA_ = VEN = 0.8V or 2.4V
RL = 10k
Ω, VNO_ = ±25V
RL = 10k
Ω, VNO_ = ±25V
VNO_= ±40V, VCOM_ = 0,
V+ = 0, V- = 0
VNO_= ±25V, VCOM_ = –
+10V,
VEN = 0
C, E
+25°C
C, E
+25°C
+25°C
+25°C
C, E
+25°C
110
CL = 1nF, VNO_ = 0, RS = 0,
Figure 5
pC
Q
Charge Injection
(Note 7)
-62
RL = 50
Ω, VNO_ = 1VRMS,
f = 1MHz, Figure 6
dB
VISO
Off-Isolation
(Note 8)
VNO_ = +25V VCOM_ = 0
0.08
3
C, E
mV
V- - 400
V+ + 400
Fault Trip Threshold
RL = 1k
Ω
5
f = 1MHz, Figure 8
pF
CNO_(OFF)
-53
NO_ Off-Capacitance
RL = 50
Ω, VNO_ = 1VRMS,
f = 1MHz, Figure 7
dB
6.5
VCT
f = 1MHz,
Figure 8
Channel-to-Channel Crosstalk
(Note 9)
pF
CCOM_(OFF)
COM_ Off-Capacitance
MAX4534
4
13.5
f = 1MHz,
Figure 8
pF
CCOM_(ON)
COM_ On-Capacitance
MAX4534
10.5
VNO_ = -25V VCOM_ = 0
MAX4535
MAX4535
ns
Enable Turn-Off Time
250
60
200
tOFF
VNO_ = ±10V, RL = 1k
Ω,
Figure 3
C, E
+25°C
SWITCH DYNAMIC CHARACTERISTICS
LOGIC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com