Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1052 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA1052
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA1052 Datasheet HTML 2Page - STMicroelectronics STA1052 Datasheet HTML 3Page - STMicroelectronics STA1052 Datasheet HTML 4Page - STMicroelectronics STA1052 Datasheet HTML 5Page - STMicroelectronics STA1052 Datasheet HTML 6Page - STMicroelectronics STA1052 Datasheet HTML 7Page - STMicroelectronics STA1052 Datasheet HTML 8Page - STMicroelectronics STA1052 Datasheet HTML 9Page - STMicroelectronics STA1052 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pin description
STA1052
6/14
3.2
Pin function description
This pin list contains the definition and description of all pins.
Table 2 gives pin list for LQFP144.
Table 2.
Pin List
N°
Name
Description
Pin type
LQFP144
1
GPC9(DRD9)
GPIO PC9 (SDRAM data 9)
bidir, 3.3V , 4 mA
1
2
GPC8(DRD8)
GPIO PC8 (SDRAM data 8)
bidir, 3.3 V, 4 mA
2
3
GPB12
GPIO PB12(BSPI1_SS)
bidir, 3.3 V, 2 mA,
PU (default off)
3
4
GPB13
GPIO PB13 (BSPI1_MISO)
bidir, 3.3 V, 2 mA,
PU (default off)
4
5
GPB14
GPIO PB14 (BSPI1_MOSI)
bidir, 3.3 V, 2 mA,
PU (default off)
5
6
GPB15
GPIO PB15 (BSPI1_SCK)
bidir, 3.3 V, 2 mA,
PU (default off)
6
7
GPC7(DRD7)
GPIO PC7 (SDRAM data 7)
bidir, 3.3 V, 4 mA
7
8
GPC6(DRD6)
GPIO PC6 (SDRAM data 6)
bidir, 3.3 V, 4 mA
8
9
GPC5(DRD5)
GPIO PC5 (SDRAM data 5)
bidir, 3.3 V, 4 mA
9
10
VDD
Core VDD1.8 V
VDD
10
11
VSS
Digital pad ring VSS ground
VSS
11
12
VDD3
Digital pad ring VDD3 3.3 V
VDD3
12
13
GPC4(DRD4)
GPIO PC4 (SDRAM data 4)
bidir, 3.3 V, 4 mA
13
14
GPC3(DRD3)
GPIO PC3 (SDRAM data 3)
bidir, 3.3 V, 4 mA
14
15
GPC2(DRD2/
SFLASH_MISO)
GPIO PC2 (SDRAM data 2 or serial
flash master in/slave out)
bidir, 3.3 V, 4 mA
15
16
GPC1(DRD1/
SFLASH_MOSI)
GPIO PC1 (SDRAM Data 1 or serial
flash master out/slave in)
bidir, 3.3 V, 4 mA
16
17
GPC0(DRD0/
SFLASH_SCK)
GPIO PC0 (SDRAM data 0 or serial
Flash clock)
bidir, 3.3 V, 4 mA
17
18
PLL_VSS18P
PLL digital & analog ground
VSS
18
19
PLL_VDDA33P
PLL 3.3 analog power supply
VDD
19
20
PLL_XTI
Crystal input
analog in
20
21
PLL_XTO
Crystal output
analog out
21
22
PLL_VDDA18P
PLL 1.8V analog power supply
VDD
22
23
PLL_VDD18P
PLL 1.8V digital power supply
VDD
23
24
FE_VSSA33S
Ground for servo channels
VSS
24
25
FE_A
OPU A input
analog in
25
26
FE_C
OPU C input
analog in
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com