Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1052 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA1052
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA1052 Datasheet HTML 6Page - STMicroelectronics STA1052 Datasheet HTML 7Page - STMicroelectronics STA1052 Datasheet HTML 8Page - STMicroelectronics STA1052 Datasheet HTML 9Page - STMicroelectronics STA1052 Datasheet HTML 10Page - STMicroelectronics STA1052 Datasheet HTML 11Page - STMicroelectronics STA1052 Datasheet HTML 12Page - STMicroelectronics STA1052 Datasheet HTML 13Page - STMicroelectronics STA1052 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Pin description
STA1052
10/14
103 VCM
Common Mode input for audio DAC
(1.65 V)
analog in
106
104 ADAC_REF1
Audio DAC VHI (3.3 V)
analog in
107
105 OUTR
Right channel analog output
analog out
108
-
NC
Not Connected
109
106 JTCK
JTAG test clock input
in, 3.3 V
110
107 JTRST
JTAG test reset input
in, schmitt, 3.3 V
111
108 DRBA1
SDRAM bank sel address 1
out, 3.3 V, 4 mA
112
109 DRBA0/CFG4
SDRAM bank sel address 0 and
configuration bit 4
(latched at reset)
bidir, 3.3 V, 4 mA
113
110 DRA11/CFG3
SDRAM address 11 and configuration
bit 3
(latched at reset)
bidir, 3.3V, 4mA
114
111 DRA10/CFG2
SDRAM Address 10 and configuration
bit 2
(latched at reset)
bidir, 3.3 V, 4 mA
115
112 DRA9/CFG1
SDRAM Address 9 and configuration bit
1
(latched at reset)
bidir, 3.3 V, 4 mA
116
113 DRA8/CFG0
SDRAM Address 8 and configuration bit
0
(latched at reset)
bidir, 3.3 V, 4 mA
117
114 DRA7
SDRAM address 7
out, 3.3 V, 4 mA
118
115 DRA6
SDRAM address 6
out, 3.3 V, 4 mA
119
116 DRA5
SDRAM address 5
out, 3.3 V, 4 mA
120
117 VDD
Core VDD 1.8 V
VDD
121
118 VSS
Digital pad ring VSS ground
VSS
122
119 VDD3
Digital pad ring VDD3 3.3 V
VDD3
123
120 DRA4
SDRAM address 4
out, 3.3 V, 4 mA
124
121 DRA3
SDRAM address 3
out, 3.3 V, 4 mA
125
122 DRA2
SDRAM address 2
out, 3.3 V, 4 mA
126
123 DRA1
SDRAM address 1
out, 3.3 V, 4 mA
127
124 DRA0
SDRAM address 0
out, 3.3 V, 4 mA
128
125 DRWR
SDRAM write control
out, 3.3 V, 4 mA
129
126 DRCAS
SDRAM col address sel
out, 3.3 V, 4 mA
130
127 DRRAS
SDRAM row address sel
out, 3.3 V, 4 mA
131
128 DRCLKE
SDRAM CLK enable
out, 3.3 V, 4 mA
132
129 DRCLK
SDRAM CLK
out, 3.3 V, 4 mA
133
Table 2.
Pin List (continued)
Name
Description
Pin type
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com