Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1052S1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA1052S1
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052S1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA1052S1 Datasheet HTML 5Page - STMicroelectronics STA1052S1 Datasheet HTML 6Page - STMicroelectronics STA1052S1 Datasheet HTML 7Page - STMicroelectronics STA1052S1 Datasheet HTML 8Page - STMicroelectronics STA1052S1 Datasheet HTML 9Page - STMicroelectronics STA1052S1 Datasheet HTML 10Page - STMicroelectronics STA1052S1 Datasheet HTML 11Page - STMicroelectronics STA1052S1 Datasheet HTML 12Page - STMicroelectronics STA1052S1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STA1052
Pin description
9/14
79
GPA6 (EINT6)
GPIO PA6 (external interrupt 6)
bidir, 3.3 V, 2 mA,
PU (default off)
82
80
GPA7 (EINT7)
GPIO PA7 (external interrupt 7)
bidir, 3.3 V, 2 mA,
PU (default off)
83
81
GPA8 (EINT8)
GPIO PA8 (external interrupt 8)
bidir, 3.3 V, 2 mA,
PU (default off)
84
82
GPB0/SFLASH_SS
(EINT9)
GPIO PB0 or serial Flash slave select
(external interrupt 9)
bidir, 3.3 V, 2 mA,
PU (default off)
85
83
VSS
Digital pad ring VSS ground
Vss
86
84
VDD3_Core2
Digital pad ring VDD3 3.3 V
VDD3
87
85
GPB1/I2C_CRQ
(EINT10)
GPIO PB1 or I2C CRQ line
(external interrupt 10)
bidir, 5 V tol, 2 mA(sink)
88
86
GPB2/I2C_SCL
(EINT11)
GPIO PB2 or I2C I/F clock
(external interrupt 11)
bidir, 5 V tol, 2 mA(sink)
89
87
GPB3/I2C_SDA
(EINT12)
GPIO PB3 or I2C I/F data
(external interrupt 12)
bidir, 5 V tol, 2 mA(sink)
90
88
GPB4/SCI0TX
GPIO PB4 or serial interface 0 TX or
EXTCK_OIF
bidir, 3.3 V, 2mA,
PU (default off)
91
89
GPB5/SCI0RX
(EINT13)
GPIO PB5 or serial interface 0 RX
(external interrupt 13)
bidir, 3.3V, 2mA,
PU (default off)
92
90
GPB8/C2PO/USBCK
GPIO PB8 or C2PO (EIAJ CP-340) or
USB clock line (48 MHz)
bidir, 3.3V, 2mA,
PU (default off)
93
91
VDD
Core VDD 1.8 V
VDD
94
92
GPB6/SCI1TX/USBDM
GPIO PB6 or serial interface 1 TX or
USB D- line
bidir, 3.3 V, 2 mA, PU
(default off)(1)
USB pad (Full / Low
speed )
95
93
GPB7/SCI1RX/USBDP
(EINT14)
GPIO PB7 or serial interface 1 RX or
USB D+ line
(external interrupt 14)
bidir, 3.3 V, 2 mA, PU
(default off)(1)
USB pad (Full / Low
speed )
96
94
JTDI
JTAG test data input
in, 3.3V
97
95
JTDO
JTAG test data output
out, 3.3 V, 2 mA
98
96
JTMS
JTAG test mode select input
in, 3.3 V
99
97
VDD3
Digital pad ring VDD3 3.3 V
VDD3
100
98
VSS
Digital pad ring VSS ground
Vss
101
99
ADAC_VSSA
Audio DAC ground
VSSDAC
102
100 ADAC_VDDA
Audio DAC supply 3.3 V
VDDDAC
103
101 OUTL
Left channel analog output
analog out
104
102 ADAC_REF2
Audio DAC VLO (GND)
analog in
105
Table 2.
Pin List (continued)
Name
Description
Pin type
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com