Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA1052S1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA1052S1
Description  DSP/MCU system for CD-DA, CD-CA, CD-ROM player
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1052S1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA1052S1 Datasheet HTML 6Page - STMicroelectronics STA1052S1 Datasheet HTML 7Page - STMicroelectronics STA1052S1 Datasheet HTML 8Page - STMicroelectronics STA1052S1 Datasheet HTML 9Page - STMicroelectronics STA1052S1 Datasheet HTML 10Page - STMicroelectronics STA1052S1 Datasheet HTML 11Page - STMicroelectronics STA1052S1 Datasheet HTML 12Page - STMicroelectronics STA1052S1 Datasheet HTML 13Page - STMicroelectronics STA1052S1 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STA1052
Pin description
11/14
130 VSS
Digital pad ring VSS ground
VSS
134
131 VDD3_Core1
Digital pad ring VDD3 3.3 V
VDD3
135
132 GPC15 (DRD15)
GPIO PC15 (SDRAM Data 15)
bidir, 3.3 V, 4 mA
136
133 GPC14 (DRD14)
GPIO PC14 (SDRAM Data 14)
bidir, 3.3 V, 4 mA
137
134 GPC13 (DRD13)
GPIO PC13 (SDRAM Data 13)
bidir, 3.3 V, 4 mA
138
135 GPC12 (DRD12)
GPIO PC12 (SDRAM Data 12)
bidir, 3.3 V, 4 mA
139
136 GPB9
GPB9 (I2S1_Rx_SCK (SC10))
bidir, 3.3 V, 2 mA,
PU (default off)
140
137 GPB10
GPB10 (I2S1_Rx_WCK (SC11))
bidir, 3.3V, 2mA,
PU (default off)
141
138 GPB11
GPB11 (I2S1_Rx_SDI (SRD1))
bidir, 3.3 V, 2 mA,
PU (default off)
142
139 GPC11 (DRD11)
GPIO PC11 (SDRAM Data 11)
bidir, 3.3 V, 4 mA
143
140 GPC10 (DRD10)
GPIO PC10 (SDRAM Data 10)
bidir, 3.3V , 4 mA
144
1.
The specifications in USB mode are as per USB specifications for low and full speed interface.
Table 2.
Pin List (continued)
Name
Description
Pin type
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com