Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB3CFM Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R7FA2L1AB3CFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB3CFM Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R7FA2L1AB3CFM Datasheet HTML 17Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 18Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 19Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 20Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 21Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 22Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 23Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 24Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
Table 2.1
Absolute maximum ratings (2 of 2)
Parameter
Symbol
Value
Unit
Operating temperature*2 *3 *4
Topr
-40 to +85
-40 to +105
°C
Storage temperature
Tstg
-55 to +125
°C
Note 1. Ports P205, P206, P400, P401, and P407 are 5V-tolerant.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that results from input of
such a signal or I/O pull-up might cause malfunction and the abnormal current that passes in the device at this time might cause
degradation of internal elements.
Note 2. See section 2.2.1. Tj/Ta Definition.
Note 3. Contact Renesas Electronics sales office for information on derating operation under Ta = +85°C to +105°C.
Derating is the systematic reduction of load for improved reliability.
Note 4. The upper limit of the operating temperature is 85°C or 105°C, depending on the product.
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors with high frequency
characteristics between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, and between the
VREFH0 and VREFL0 pins when VREFH0 is selected as the high potential reference voltage for the
ADC12. Place capacitors of the following value as close as possible to every power supply pin and use
the shortest and heaviest possible traces:
● VCC and VSS: about 0.1 µF
● AVCC0 and AVSS0: about 0.1 µF
● VREFH0 and VREFL0: about 0.1 µF
Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7 µF capacitor. Connect the VCC_DCDC pin to a VSS_DCDC pin
by a 1.0 µF capacitor. Each capacitor must be placed close to the pin.
Table 2.2
Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltages
VCC*1 *2
1.6
—
5.5
V
VSS
—
0
—
V
Switching regulator power supply voltage
VCC_DCDC
VCC_DCDC = VCC
2.4
—
5.5
V
Analog power supply voltages
AVCC0*1 *2
1.6
—
5.5
V
AVSS0
—
0
—
V
VREFH0
When used as ADC12
Reference
1.6
—
AVCC0 V
VREFL0
—
0
—
V
Note 1. Use AVCC0 and VCC under the following conditions:
AVCC0 = VCC
Note 2. When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pins.
When powering off the VCC and AVCC0 pins, power them off at the same time or the AVCC0 pin first and then the VCC pins.
Table 2.3
Recommended operating conditions
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Value
External capacitance for stabilizing
connected to TSCAP pin
CTSCAP
10 nF ± 10%*1
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 10 nF and a capacitance tolerance of ± 10% or less. Select a
capacitor with a temperature characteristic of ± 15% or less, such as X7R (EIA), to match the operating environment.
2.2
DC Characteristics
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 21 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com