Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB3CFM Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R7FA2L1AB3CFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB3CFM Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R7FA2L1AB3CFM Datasheet HTML 20Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 21Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 22Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 23Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 24Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 25Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 26Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB3CFM Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
Table 2.6
I/O IOH, IOL (2 of 5)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Permissible output
current (max value
total pins)*2
Total of ports P201 to
P208, P303 to P307,
P808, P809
100 pin products
ΣIOH (max)
—
—
-30
mA
VCC = 2.7 to
5.5 V
—
—
-8
mA
VCC = 1.8 to
2.7 V
—
—
-4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
5.5 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
Total of ports P108 to
P115, P300 to P302,
P600 to P603, P608
to P610
100 pin products
ΣIOH (max)
—
—
-30
mA
VCC = 2.7 to
5.5 V
—
—
-8
mA
VCC = 1.8 to
2.7 V
—
—
-4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
5.5 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
Total of ports P100 to
P107, P500 to P505
100 pin products
ΣIOH (max)
—
—
-30
mA
VCC = 2.7 to
5.5 V
—
—
-8
mA
VCC = 1.8 to
2.7 V
—
—
-4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
5.5 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 24 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com