Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3DA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A3DA
Description  Lighted Pushbutton Switch with Cylindrical 18-mm × 8-dia. Body
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3DA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A3DA Datasheet HTML 2Page - Omron Electronics LLC A3DA Datasheet HTML 3Page - Omron Electronics LLC A3DA Datasheet HTML 4Page - Omron Electronics LLC A3DA Datasheet HTML 5Page - Omron Electronics LLC A3DA Datasheet HTML 6Page - Omron Electronics LLC A3DA Datasheet HTML 7Page - Omron Electronics LLC A3DA Datasheet HTML 8Page - Omron Electronics LLC A3DA Datasheet HTML 9Page - Omron Electronics LLC A3DA Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
A3D
Lighted Pushbutton Switch (Cylindrical 8-dia.)
A
3
D
Dimensions
(Unit: mm)
Accessory Mounting Dimensions
Socket Mounting Dimensions
Insulation Cover Mounting Dimensions (The illustration shows the rectangular model as a representative example.)
A3D-3002
• After securing the Switch to the panel using the mounting nut, pass
the lead wires through the holes in the Insulation Cover before
performing wiring. Hold the Insulation Cover so that the cylindrical
hole is facing the Switch, and insert the lead wires from the end with
the barriers.
• After wiring is completed, mount the Insulation Cover by pushing it
into the Switch.
Note: Unless specified, there is a tolerance of
± 0.4 mm for dimensions.
Legend Plate Mounting Dimensions
Note: 1. The thickness is 0.8 mm.
2. Since the legend plate is made of polycarbonate, use alcohol-based paints such as melanin, phthalic acid, or acrylic paint when marking the legend.
Wire-wrap Terminal/A3D-4101
PCB Terminal/A3D-4102
Solder Terminal/A3D-4103
16.5
1.9
1.9
1.9
1.9
16.5
30.7
1
1
9 dia.
0.3
0.6
6.1
0.3
1.6
16.5
6.5
6.5
30.7
6.1
1.6
0.6
3.5
1
9 dia.
Four, 0.8 dia.
PCB Cutout
(BOTTOM VIEW)
0.3
6.1
0.3
1.6
16.5
30.7
6.1
1.6
5
9 dia.
18
31
8.9 dia.
5.8
10.7
5.8
5.8
5.3
0.8
5.8 dia.
Rectangular/A3DJ-5201
Square/A3DA-5201
Round/A3DT-5201



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com