Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3DA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A3DA
Description  Lighted Pushbutton Switch with Cylindrical 18-mm × 8-dia. Body
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3DA Datasheet(HTML) 4 Page - Omron Electronics LLC

  A3DA Datasheet HTML 1Page - Omron Electronics LLC A3DA Datasheet HTML 2Page - Omron Electronics LLC A3DA Datasheet HTML 3Page - Omron Electronics LLC A3DA Datasheet HTML 4Page - Omron Electronics LLC A3DA Datasheet HTML 5Page - Omron Electronics LLC A3DA Datasheet HTML 6Page - Omron Electronics LLC A3DA Datasheet HTML 7Page - Omron Electronics LLC A3DA Datasheet HTML 8Page - Omron Electronics LLC A3DA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
A3D
Lighted Pushbutton Switch (Cylindrical 8-dia.)
A
3
D
Specifications
Operating Characteristics
* Alternate operation models only.
Contact Form
Engineering Data An external resistor is required. (Refer to page 8.)
Operating force
OF max.
2.45 N
Release force
RF min.
0.196 N
Total travel
TT
Approx. 3.5 mm
Locktravel alternate * LTA min.
0.5 mm
Pretravel
PT max.
2.5 mm
Contact name
Contact form
SPST-NO
COM
NO
LED Characteristics (VF -IF Characteristics)
Red LED
Yellow or White LED
Green LED
Forward Current Reduction Curve
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.1
0.5
1
5
10
50
100
Ta=50
°C
Ta=0
°C
Ta=25
°C
Ta: Ambient Temperature
VF (V)
Ta: Ambient Temperature
1.0
1.5
2.0
2.5
3.0
3.5
Ta=50
°C
Ta=0
°C
Ta=25
°C
0.1
0.5
1
5
10
50
100
VF (V)
1.0
1.5
2.0
2.5
3.0
3.5
0.1
0.5
1
5
10
50
100
VF (V)
Ta=50
°C
Ta=0
°C
Ta=25
°C
Ta: Ambient Temperature
0
0
20
40
60
45mA
25
°C
55
°C
25mA
10
-10
20
30
40
50
60
TA (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com